Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CA02COM-F18-1SW-B-01 Datasheet(PDF) 9 Page - ITT Industries |
|
CA02COM-F18-1SW-B-01 Datasheet(HTML) 9 Page - ITT Industries |
9 / 42 page 9 CA-COM Contact W X Y Z arrangement 10SL-3 - - - - 10SL-4 - - - - 12SA10 - - - - 14S-2 - 120 240 - 14S-5 - 110 - - 14S-6 - - - - 14SA7 - - - - 16S-1 - - - - 16-10 90 180 270 - 18-1 70 145 - 290 18-8 70 - - 290 18-10 - 120 240 - 18-11 - 170 265 - 18-12 80 - - 280 20-15 80 - - 280 20-17 90 180 270 - 20-19 90 180 270 - 20-27 35 110 250 325 20-29 80 - - 280 22-14 80 - - 280 22-19 80 110 250 280 22-23 35 - 250 - 24-28 80 110 250 280 28-15 80 110 250 280 28-21 80 110 250 280 Alternate insert positions Alternate insert positions are available to prevent cross-plugging of adjacent con- nectors. The standard position is without designation. All other insert positions are designated W, X, Y and Z. See table below. View on mating face of pin insert #1171_CA-COM_englisch_250900 18.10.2000, 8:20 Uhr 9 |
Número de pieza similar - CA02COM-F18-1SW-B-01 |
|
Descripción similar - CA02COM-F18-1SW-B-01 |