Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS3100A18-8S Datasheet(PDF) 19 Page - ITT Industries

No. de pieza MS3100A18-8S
Descripción Electrónicos  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3100A18-8S Datasheet(HTML) 19 Page - ITT Industries

Back Button MS3100A18-8S Datasheet HTML 15Page - ITT Industries MS3100A18-8S Datasheet HTML 16Page - ITT Industries MS3100A18-8S Datasheet HTML 17Page - ITT Industries MS3100A18-8S Datasheet HTML 18Page - ITT Industries MS3100A18-8S Datasheet HTML 19Page - ITT Industries MS3100A18-8S Datasheet HTML 20Page - ITT Industries MS3100A18-8S Datasheet HTML 21Page - ITT Industries MS3100A18-8S Datasheet HTML 22Page - ITT Industries MS3100A18-8S Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
A-90
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
MS-E/F/R/ER
MIL-C-5015 Connectors
ITT Cannon Designated Alternate Insert Positions
Shell
Contact
Wire
Service
Available
Size
Arrangement
Size
Rating
Position
20
20A-9
9#12
D (J)
A (all others)
20
20A-48
19#16
Inst.
4
9
28
28A-16
5#16
A (e)
4#4
Inst (all others)
2
12
28
28A-63
9#12
A (e)
19#16
Inst (all others)
32
32A-69
41#20
20#16
Inst
3
8
20
220
21
255
22
290
23
165
24
330
25
235
26
125
2
20
17
12
4
9
8,13
11
6
22
19
5,3
15
21
18
16
14
NOTE: Front view of pin insulator rotates as shown.
Not MS approved.
ca_A1-A163.qxd:Layout 1
2/9/11
7:50 PM
Page 90


Número de pieza similar - MS3100A18-8S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
MS3100A18-8S ITT-MS3100A18-8S Datasheet
4Mb / 34P
   CA/MS A and B
More results

Descripción similar - MS3100A18-8S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
CA3106E2821PF80 ITT-CA3106E2821PF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com