Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3108A18-8P Datasheet(PDF) 11 Page - ITT Industries

No. de pieza CA3108A18-8P
Descripción Electrónicos  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3108A18-8P Datasheet(HTML) 11 Page - ITT Industries

Back Button CA3108A18-8P Datasheet HTML 7Page - ITT Industries CA3108A18-8P Datasheet HTML 8Page - ITT Industries CA3108A18-8P Datasheet HTML 9Page - ITT Industries CA3108A18-8P Datasheet HTML 10Page - ITT Industries CA3108A18-8P Datasheet HTML 11Page - ITT Industries CA3108A18-8P Datasheet HTML 12Page - ITT Industries CA3108A18-8P Datasheet HTML 13Page - ITT Industries CA3108A18-8P Datasheet HTML 14Page - ITT Industries CA3108A18-8P Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
A-82
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Cable clamps are available in both the
environmentally safe green zinc and
black zinc, and will accommodate
shell sizes 10SL-36. Double clamping
action provides a balanced, positive
hold on the wires and greatly reduces
moisture transmission, a real benefit
in applications that require environ-
mental sealing. This clamp is provided
with the bushing.
For more information on protective caps contact
Interconnect Solutions Sales Offices.
Shell Size
Part Number
Green Zinc
Part Number
Black Zinc
RoHS compliant
10SL, 12S
CA17711-111
CA17711-103
14S
CA17711-112
CA17711-104
16S, 16
CA17711-113
CA17711-101
18
CA17711-114
CA17711-102
20, 22
CA17711-115
CA17711-22
24, 28
CA17711-116
CA17711-105
32
CA17711-117
CA17711-106
36
CA17711-118
CA17711-107
Size
A
L
Z
Green Zinc
Black Zinc
RoHS
compliant
Cadmium
4A
.811
(20.60)
.811
(20.60)
5/8-24INEF-2B
995-0002-558 995-0002-280 995-0002-550
6A
.969
(24.60)
.969
(24.60)
3/4-20UNEF-2B
995-0002-559 995-0002-281 995-0002-551
8A
1.094
(27.80)
1.094
(27.80)
7/8-20UNEF-2B
995-0002-560 995-0002-282 995-0002-552
10A
1.89
(30.20)
1.89
(30.20)
1-20UNEF-2B
995-0002-561 995-0002-283 995-0002-553
12A
1.378
(35.00)
1.378
(35.00)
13/16-18UNEF-2B 995-0002-562 995-0002-284 995-0002-554
16A
1.693
(43.00)
1.693
(43.00)
17/16-18UNEF-2B 995-0002-563 995-0002-285 995-0002-555
20A
2.031
(51.60)
2.031
(51.60)
1-3/4-18UNS-2B
995-0002-564 995-0002-286 995-0002-556
24A
2.220
(56.40)
2.220
(56.40)
2-18UNS-2B
995-0002-565 995-0002-287 995-0002-557
Accessories
Metal Protective Caps
CA /MS A&B
Alternate Insert Positions
Pin front view: Shell rotation
Contact
Arrangement
14S-9
70
145
215
290
16-9
35
110
250
325
16-10
90
180
270
16-11
35
110
250
325
16S-1
80
280
16S-8
170
265
18-1
70
145
215
290
18-4
35
110
250
325
18-5
80
110
250
280
18-8
70
290
18-9
80
110
250
280
18-10
120
240
18-11
170
265
18-12
80
280
18-20
90
180
270
18-22
70
145
215
290
20-3
70
145
215
290
20-4
45
110
250
20-7
80
110
250
280
20-19
90
180
270
20-27
35
110
250
325
Contact
Arrangement
20-29
80
280
20-33
35
110
256
325
22-2
70
145
215
290
22-14
80
280
22-19
80
110
250
280
22-23
35
250
22-28
80
280
24-2
80
280
24-10
80
280
24-20
80
110
250
280
24-28
80
110
250
280
28-10
80
110
250
280
28-11
80
110
250
280
28-12
90
180
270
28-15
80
110
250
280
28-16
80
110
250
280
28-21
80
110
250
280
36-5
120
240
36-7
80
110
250
280
36-8
80
110
250
280
36-10
80
125
235
280
Contact
Arrangement
10SL-3
10SL-4
12S-3
70
145
215
290
14S-1
14S-2
120
240
14S-5
110
14S-6
14S-7
90
180
270
ca_A1-A163.qxd:Layout 1
2/9/11
7:50 PM
Page 82


Número de pieza similar - CA3108A18-8P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
CA3108A18-8P ITT-CA3108A18-8P Datasheet
1Mb / 5P
   Circular Connectors
CA3108A18-8P ITT-CA3108A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Descripción similar - CA3108A18-8P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
CA3106E2821PF80 ITT-CA3106E2821PF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com