Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CA3102R20-27PZ Datasheet(PDF) 9 Page - ITT Industries |
|
CA3102R20-27PZ Datasheet(HTML) 9 Page - ITT Industries |
9 / 15 page www.ittcannon.com 175 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-5015 Connectors MS-E/F/R/ER Cable Connecting Plug (Receptacle with no mounting flange) MS3101E/MS3101F Integral Cable Clamp CA3101E/CA3101E MS3101E cable connecting plugs are used for cable extension requirements, where mounting provisions are unnecessary. MS3101E plugs mate with 3106, 3107 and 3108 plugs. Note: the D revision of MIL-C-5015 has changed the nomenclature of the 3101 from receptacle to plug. MS3101R cable connecting plug is identical in purpose to the MS3101E. The MS3101R features a shorter lightweight endbell and mates with 3106, 3107 and 3108 plugs. Note: The D revision of the MIL-C-5015 specification has changed the nomenclature of the 3101 from receptacle to plug. MS3101R Shell Size Shell Size †Not to MS specification *Not Available in MS3101E and MS3101R. Performance Specifications - Page 168 Contact, Sealing Plugs, Assembly Tools - Page 187 Contact Arrangements - Page 171-174 8S 10S 10SL 12S 14S 16S 12 14 1/2-28UNEF-2A 5/8-24UNEF-2A 5/8-24UNEF-2A 3/4-20UNEF-2A 7/8-20UNEF-2A 1-20UNEF-2A 3/4-20UNEF-2A 7/8-20UNEF-2A 1-20UNEF-2A 1-1/8-18UNEF-2A 1-1/4-18UNEF-2A 1-3/8-18UNEF-2A 1-1/2-18UNEF-2A 1-3/4-18UNS-2A 2-18UNS-2A 2-1/4-16UN-2A 2-1/2-16UN-2A 16 18 20 22 24 28 32 36 40 Shell Size A Thread A Thread 8S 10S 10SL 12S 14S 16S 12 14 16 18 20 22 24 28 32 36 40 .375 (9.53) .375 (9.53) .375 (9.53) .375 (9.53) .375 (9.53) .375 (9.53) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .235 (5.97) .235 (5.97) .297 (7.54) .297 (7.54) .422 (10.72) .547 (13.89) .297 (7.54) .422 (10.72) .547 (13.89) .610 (15.49) .735 (18.67) .740 (18.80) .922 (23.42) .922 (23.42) 1.235 (31.37) 1.360 (34.54) 1.628 (41.35) .102 (2.59) .102 (2.59) .140 (3.56) .140 (3.56) .195 (4.95) .255 (6.48) .140 (3.56) .195 (4.95) .255 (6.48) .285 (7.24) .350 (8.89) .350 (8.89) .468 (11.89) .468 (11.89) .664 (15.87) .694 (17.63) .911 (23.14) .844 (21.44) .969 (24.61) 1.062 (26.97) 1.062 (26.97) 1.156 (29.36) 1.281 (32.54) 1.062 (26.97) 1.156 (29.36) 1.281 (32.54) 1.344 (34.14) 1.500 (38.10) 1.625 (41.28) 1.750 (44.45) 2.000 (50.80) 2.250 (57.15) 2.500 (63.50) 2.750 (69.85) .125 (3.18) .125 (3.18) .125 (3.18) .140 (3.56) .140 (3.56) .140 (3.56) .146 (3.71) .146 (3.71) .146 (3.71) .180 (4.57) .180 (4.57) .180 (4.57) .203 (5.16) .203 (5.16) .203 (5.16) .203 (5.16) .203 (5.16) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.625 (66.68) 2.625 (66.58) 2.625 (66.58) 2.688 (68.28) 2.750 (69.85) 2.750 (69.85) 2.969 (75.44) 3.031 (76.99) 3.031 (76.99) 3.281 (83.34) 3.560 (89.66)† 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 2.181 (55.40) 2.181 (55.40) 2.181 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.322 (58.98) 2.322 (58.98) 2.427 (61.65)† .562 (14.27) .562 (14.27) .562 (14.27) .562 (14.27) .562 (14.27) .562 (14.27) .750 (19.05) .750 (19.05) .750 (19.05) .750 (19.05) .750 (19.05) .750 (19.05) .812 (20.62) .812 (20.62) .875 (22.23) .875 (22.23) .875 (22.23) .890 (22.61) .890 (22.61) .970 (24.64) .970 (24.64) 1.150 (29.21) 1.250 (31.75) .970 (24.64) 1.150 (29.21) 1.250 (31.75) 1.450 (36.83) 1.570 (39.88) 1.570 (39.88) 1.880 (47.75) 1.880 (47.75) 2.205 (56.01) 2.400 (60.96) 2.840 (72.14) .515 (13.08) .640 (16.26) .640 (16.26) .765 (19.43) .890 (22.61) 1.015 (25.78) .765 (19.43) .890 (22.61) 1.015 (25.78) 1.140 (28.96) 1.265 (32.13) 1.390 (35.31) 1.515 (38.48) 1.765 (44.83) 2.015 (51.18) 2.270 (57.66) 2.427 (61.65) .840 (21.34) .840 (21.34) .900 (22.86) .900 (22.86) 1.00 (27.94) 1.200 (30.48) .900 (22.86) 1.100 (27.94) 1.200 (30.48) 1.300 (33.02) 1.500 (38.10) 1.500 (38.10) 1.740 (44.20) 1.740 (44.20) 2.075 (52.71) 2.300 (58.42) 2.688 (68.28) 1.046 (26.57) 1.046 (26.57) 1.125 (28.58) 1.125 (28.58) 1.343 (34.11) 1.484 (37.69) 1.125 (28.58) 1.343 (34.11) 1.484 (37.69) 1.609 (40.87) 1.890 (48.01) 1.890 (48.01) 2.170 (55.12) 2.170 (55.12) 2.656 (67.46) 2.922 (74.22) - * B Min. E Max. E Min. G Max. K Max. L Max. L Max. 1 1 P Max. S Max. V Max. W Max. M +.031(0.79) -.000(0.00) CA3101R W G G S 1 S 1 P P V A Thd. A Thd. B B M M L 1 L K K E |
Número de pieza similar - CA3102R20-27PZ |
|
Descripción similar - CA3102R20-27PZ |