Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC54-10PA Datasheet(PDF) 6 Page - EPCOS

No. de pieza BC54-10PA
Descripción Electrónicos  45 V, 1 A NPN medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

BC54-10PA Datasheet(HTML) 6 Page - EPCOS

Back Button BC54-10PA Datasheet HTML 2Page - EPCOS BC54-10PA Datasheet HTML 3Page - EPCOS BC54-10PA Datasheet HTML 4Page - EPCOS BC54-10PA Datasheet HTML 5Page - EPCOS BC54-10PA Datasheet HTML 6Page - EPCOS BC54-10PA Datasheet HTML 7Page - EPCOS BC54-10PA Datasheet HTML 8Page - EPCOS BC54-10PA Datasheet HTML 9Page - EPCOS BC54-10PA Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
14
04/00
2.2
Interference sources and disturbed equipment
Interference source
An interference source is an electrical device or electrical equipment which emits electromagnetic
interference. We can differentiate between two main groups of interference sources corresponding
to the type of frequency spectrum emitted (fig. 5).
Fig. 5
Sources of interference
Interference sources with discrete frequency spectra (e.g. high frequency generators and micro-
processor systems) emit interference energy which is concentrated on narrow frequency bands.
Switchgear and electric motors in household appliances, however, distribute their interference en-
ergy over broad frequency bands and are considered to belong to the group of interference sources
having a continuous frequency spectrum.
µP systems
Switchgear (contactors, relays)
RF generators
Household appliances
Medical equipment
Gas discharge lamps
Data processing systems
Power supplies and battery chargers
Microwave equipment
Ignition systems
Ultrasonic equipment
Welding apparatus
RF welding apparatus
Motors with brushes
Radio and TV receivers
Oscillating drives
Switch-mode power supplies
Atmospheric discharges
Frequency converters
UPS systems
Electronic ballast circuits
Interference source (emission)
Discrete frequency spectrum
(Sine-wave, low energy)
Continuous frequency spectrum
(Impulses, high energy)
General Technical Information


Número de pieza similar - BC54-10PA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BC54-10PA NEXPERIA-BC54-10PA Datasheet
252Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BC54-10PA-Q NEXPERIA-BC54-10PA-Q Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BC54-10PAS NEXPERIA-BC54-10PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
BC54-10PAS NEXPERIA-BC54-10PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results

Descripción similar - BC54-10PA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com