Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3420 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS3420
Descripción Electrónicos  2A, 1.25MHz Synchronous Buck Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3420 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS3420 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS3420
2A, 1.25MHz Synchronous Buck Converter
8/9
Version: A12
SOT-26 Mechanical Drawing
arking Diagram
GG = Device Code
Y
= Year Code
2 = 2012
3 = 2013
W
= Week Code
01 ~ 26 (A~Z)
27 ~ 52 (a~z)
X
= Internal ID Code
SOT-26 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
TYP
MAX
MIN
TYP
MAX
A
0.95 BSC
0.0374 BSC
A1
1.9 BSC
0.0748 BSC
B
2.60
2.80
3.00
0.1024
0.1102
0.1181
C
1.40
1.50
1.70
0.0551
0.0591
0.0669
D
2.80
2.90
3.10
0.1101
0.1142
0.1220
E
1.00
1.10
1.20
0.0394
0.0433
0.0472
F
0.00
--
0.10
0.00
0.0039
G
0.35
0.40
0.50
0.0138
0.0157
0.0197
H
0.10
0.15
0.20
0.0039
0.0059
0.0079
I
0.30
--
0.60
0.0118
--
0.0236
J
--
10º
--
10º
GGYWX


Número de pieza similar - TS3420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
   2A, 1.25MHz Synchronous Buck Converter
More results

Descripción similar - TS3420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
   2A, 1.25MHz Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
   EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
logo
BCD Semiconductor Manuf...
AP3436 BCDSEMI-AP3436 Datasheet
532Kb / 15P
   3A, 1.25MHz High Performance Synchronous Buck Converter
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
   3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
   3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
logo
Diodes Incorporated
LSP5527 DIODES-LSP5527 Datasheet
815Kb / 17P
   2A 27V Synchronous Buck Converter
Rev. 8 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com