Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSF10H100C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSF10H100C
Descripción Electrónicos  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF10H100C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF10H100C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF10H100C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF10H100C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
creat by ART
- Patented Trench MOS Barrier Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Lower power loss/ High efficiency
- High forward surge capability
SYMBOL
UNIT
VRRM
V
IRRM
A
EAS
mJ
dV/dt
V/μs
VAC
V
VBR
TJ = 25°C
TJ = 125°C
TJ = 25°C
μA
TJ = 100°C
mA
RθJC
OC/W
TJ
OC
TSTG
OC
Note 1: 2.0 μs Pulse width, f=1.0 kHz
Document Number: DS_D1401020
Version: C14
Molding compound meets UL 94 V-0 flammability rating
Base P/N with suffix "G" on packing code - halogen-free, RoHS compliant
per diode
V
100
A
Maximum average forward rectified
current
IF(AV)
1500
Voltage rate of change (Rated VR)
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load per diode
60
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Taiwan Semiconductor
TSF10H100C
Non-repetitive avalanche energy at L=60mH, per diode
10000
FEATURES
Weight:
1.7g
- Halogen-free according to IEC 61249-2-21 definition
PARAMETER
IR
10
IFSM
5
MIN.
TYP.
-
-
-
-
Operating junction temperature range
Storage temperature range
- 55 to +150
Isolation voltage from terminal to heatsink t = 1 min
- 55 to +150
Typical thermal resistance (Note 3)
4.3
VF
Breakdown voltage ( IR =1.0mA )
100
Note 3: Mount on heatsink size of 4in x 6in x 0.25in Al-plate
TSF10H100C
120
A
Instantaneous reverse current per diode at rated
reverse voltage
Instantaneous forward voltage
per diode ( Note2 )
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
per device
Case:
ITO-220AB
MECHANICAL DATA
Mounting torque:
5 in-lbs. max.
Polarity:
As marked
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
Note 2: Pulse test with pulse width=300 μs, 1% duty cycle
Maximum repetitive peak reverse voltage
Peak repetitive reverse surge current (Note 1)
0.5
IF = 5A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
-
MAX.
-
V
ITO-220AB
0.8
0.7
-
-
-
-
100
6


Número de pieza similar - TSF10H100C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSF10H100C TSC-TSF10H100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
More results

Descripción similar - TSF10H100C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
V30202C VISHAY-V30202C Datasheet
166Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 31-Oct-14
V20200G VISHAY-V20200G_15 Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.62 V at IF = 5 A
Revision: 16-Aug-13
V60170PW VISHAY-V60170PW Datasheet
92Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Nov-12
V40100K VISHAY-V40100K_15 Datasheet
132Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 17-Aug-15
V10D202C VISHAY-V10D202C Datasheet
105Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Feb-15
V30150C VISHAY-V30150C_12 Datasheet
169Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VT3060C VISHAY-VT3060C Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com