Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM9N90CIC0G Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM9N90CIC0G
Descripción Electrónicos  900V N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9N90CIC0G Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM9N90CIC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9N90CIC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9N90CIC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM9N90CIC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM9N90CIC0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM9N90CIC0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM9N90CIC0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM9N90CIC0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM9N90CIC0G Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TSM9N90
900V N-Channel Power MOSFET
6/10
Version: B13
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveform
EAS Test Circuit & Waveform


Número de pieza similar - TSM9N90CIC0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
   900V N-Channel Power MOSFET
TSM9N90E TSC-TSM9N90E Datasheet
882Kb / 8P
   900V, 9A, 1.4廓 N-Channel Power MOSFET
TSM9N90ECIC0G TSC-TSM9N90ECIC0G Datasheet
882Kb / 8P
   900V, 9A, 1.4廓 N-Channel Power MOSFET
TSM9N90ECZC0G TSC-TSM9N90ECZC0G Datasheet
882Kb / 8P
   900V, 9A, 1.4廓 N-Channel Power MOSFET
More results

Descripción similar - TSM9N90CIC0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
   900V N-Channel Power MOSFET
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
   900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
   900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
   900V N-Channel Power MOSFET
TSM3N90 TSC-TSM3N90 Datasheet
531Kb / 12P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
2N90 UTC-2N90_11 Datasheet
203Kb / 6P
   2A, 900V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
   7A, 900V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com