Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7650 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7650
Descripción Electrónicos  16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7650 Datasheet HTML 5Page - Analog Devices AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices AD7650 Datasheet HTML 10Page - Analog Devices AD7650 Datasheet HTML 11Page - Analog Devices AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. E
AD7664
–9–
FREQUENCY (kHz)
057
114
171
285
228
0
–20
–180
–40
–60
–80
–100
–120
–140
–160
8192 POINT FFT
fS = 570kHz
fIN = 45.5322kHz, –0.5dB
SNR = 90.1dB
SINAD = 89.4dB
THD = –97.1dB
SFDR = 97.5dB
TPC 7. FFT Plot
1
FREQUENCY – kHz
100
10
90
80
75
70
100
85
1000
95
15.0
14.0
13.5
13.0
16.0
14.5
15.5
SNR
S/(N+D)
ENOB
TPC 8. SNR, S/(N+D), and ENOB vs. Frequency
1
FREQUENCY – kHz
100
10
–70
–80
–85
–90
–95
–100
–105
–110
–60
–75
1000
–65
SFDR
THD
100
90
85
80
75
70
65
60
110
95
105
SECOND HARMONIC
THIRD HARMONIC
TPC 9. THD, Harmonics, and SFDR vs. Frequency
92
–60
INPUT LEVEL – dB
0
–20
–40
90
88
86
SNR
S/(N+D)
–50
–30
–10
TPC 10. SNR and S/(N+D) vs. Input Level
(Referred to Full Scale)
96
–55
TEMPERATURE – C
–35
125
105
85
65
45
25
5
–15
93
90
87
84
–96
–98
–100
–102
–104
THD
SNR
TPC 11. SNR, S/(N+D), THD vs. Temperature
OVDD, ALL MODES
DVDD, IMPULSE
AVDD, IMPULSE
DVDD, WARP/NORMAL
AVDD, WARP/NORMAL
100k
0.1
SAMPLING RATE – SPS
100k
1k
10
1
100
10k
1M
10k
1k
100
10
1
0.1
0.01
0.001
TPC 12. Operating Currents vs. Sample Rate


Número de pieza similar - AD7650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7650 AD-AD7650 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7650 AD-AD7650 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7650 AD-AD7650 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7650 AD-AD7650 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7650 AD-AD7650 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results

Descripción similar - AD7650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7661 AD-AD7661 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com