Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8185ARU Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8185ARU
Descripción Electrónicos  380 MHz, 25 mA, Triple 2:1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8185ARU Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8185ARU Datasheet HTML 5Page - Analog Devices AD8185ARU Datasheet HTML 6Page - Analog Devices AD8185ARU Datasheet HTML 7Page - Analog Devices AD8185ARU Datasheet HTML 8Page - Analog Devices AD8185ARU Datasheet HTML 9Page - Analog Devices AD8185ARU Datasheet HTML 10Page - Analog Devices AD8185ARU Datasheet HTML 11Page - Analog Devices AD8185ARU Datasheet HTML 12Page - Analog Devices AD8185ARU Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD8183/AD8185
–9–
25mV
2ns
VO = 200mV STEP
RL = 1k
0.10V
0.05V
0.0V
–0.05V
–0.10V
Figure 33. AD8183 Small Signal Pulse Response;
RL = 1 kΩ
100mV
2ns
VO = 0.7V STEP
RL = 1k
0.7V
0.6V
0.5V
0.4V
0.3V
0.2V
0.1V
0.0V
Figure 34. AD8183 Video Amplitude Pulse Response;
RL = 1 kΩ
250mV
2ns
VO = 2V STEP
RL = 1k
1.0V
0.5V
0.0V
–0.5V
–1.0V
Figure 35. AD8183 Large Signal Pulse Response;
RL = 1 kΩ
25mV
2ns
VO = 200mV STEP
RL = 150
0.1V
0.05V
0.0V
–0.05V
–0.1V
Figure 36. AD8185 Small Signal Pulse Response;
RL = 150 Ω
200mV
2ns
VO = 1.4V STEP
RL = 150
1.4V
1.0V
0.6V
0.2V
1.2V
0.8V
0.4V
0.0V
Figure 37. AD8185 Video Amplitude Pulse Response;
RL = 150 Ω
250mV
2ns
VO = 2V STEP
RL = 150
1.0V
0.5V
0.0V
–0.5V
–1.0V
Figure 38. AD8185 Large Signal Pulse Response;
RL = 150 Ω


Número de pieza similar - AD8185ARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8185ARU AD-AD8185ARU Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARU AD-AD8185ARU Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARU AD-AD8185ARU Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARU AD-AD8185ARU Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARU-REEL7 AD-AD8185ARU-REEL7 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results

Descripción similar - AD8185ARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARUZ AD-AD8185ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com