Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9631AR-REEL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD9631AR-REEL7
Descripción Electrónicos  Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9631AR-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9631AR-REEL7 Datasheet HTML 6Page - Analog Devices AD9631AR-REEL7 Datasheet HTML 7Page - Analog Devices AD9631AR-REEL7 Datasheet HTML 8Page - Analog Devices AD9631AR-REEL7 Datasheet HTML 9Page - Analog Devices AD9631AR-REEL7 Datasheet HTML 10Page - Analog Devices AD9631AR-REEL7 Datasheet HTML 11Page - Analog Devices AD9631AR-REEL7 Datasheet HTML 12Page - Analog Devices AD9631AR-REEL7 Datasheet HTML 13Page - Analog Devices AD9631AR-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. C
–10–
AD9631/AD9632
FREQUENCY – Hz
24
10
100
1k
10k
21
18
15
12
9
100k
6
3
VS = 5V
TPC 37. AD9631 Noise vs. Frequency
80
75
70
65
60
55
50
45
40
35
30
25
FREQUENCY – Hz
10k
100k
1M
1G
10M
100M
20
15
10
5
0
–PSRR
+PSRR
TPC 38. AD9631 PSRR vs. Frequency
FREQUENCY – Hz
100
100k
1M
10M
100M
90
80
70
60
50
1G
40
30
20
VS = 5V
VCM = 1V
RL = 100
TPC 39. AD9631 CMRR vs. Frequency
FREQUENCY – Hz
17
10
100
1k
10k
15
13
11
9
7
100k
5
3
VS = 5V
TPC 40. AD9632 Noise vs. Frequency
80
75
70
65
60
55
50
45
40
35
30
25
FREQUENCY – Hz
10k
100k
1M
1G
10M
100M
20
15
10
5
0
–PSRR
+PSRR
TPC 41. AD9632 PSRR vs. Frequency
FREQUENCY – Hz
100
100k
1M
10M
100M
90
80
70
60
50
1G
40
30
20
VS = 5V
VCM = 1V
RL = 100
TPC 42. AD9632 CMRR vs. Frequency


Número de pieza similar - AD9631AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9631AR-REEL7 AD-AD9631AR-REEL7 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AR-REEL7 AD-AD9631AR-REEL7 Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results

Descripción similar - AD9631AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com