Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLP-MAVLCD1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza DLP-MAVLCD1
Descripción Electrónicos  LCD / MICROCONTROLLER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

DLP-MAVLCD1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DLP-MAVLCD1 Datasheet HTML 3Page - List of Unclassifed Manufacturers DLP-MAVLCD1 Datasheet HTML 4Page - List of Unclassifed Manufacturers DLP-MAVLCD1 Datasheet HTML 5Page - List of Unclassifed Manufacturers DLP-MAVLCD1 Datasheet HTML 6Page - List of Unclassifed Manufacturers DLP-MAVLCD1 Datasheet HTML 7Page - List of Unclassifed Manufacturers DLP-MAVLCD1 Datasheet HTML 8Page - List of Unclassifed Manufacturers DLP-MAVLCD1 Datasheet HTML 9Page - List of Unclassifed Manufacturers DLP-MAVLCD1 Datasheet HTML 10Page - List of Unclassifed Manufacturers DLP-MAVLCD1 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev. 1.0 (February 2012)
9
© DLP Design, Inc.
Data
Example
Description
Hello
^dHello~
Displays “Hello”
Testing 123
^d Testing 123~
Displays “ Testing
123” (note that the
spaces are valid)
Beyond the
Maximum Text
Length of 16
^dBeyond the
Maximum Text Length
of 16~
The Data is
Ignored
Line 1 Here
^c01~^c80~^dLine 1
Here~
Clears the Screen,
Goes to Row 1/
Column 1 and
Displays “Line 1
Here”
Line 2 Here
^c01~^cc0~^dLine 2
Here~
Clears the Screen,
Goes to Row 2/
Column 1 and
Displays “Line 2
Here”
Table 7: Sample Commands
4.0 STANDALONE MODE
Alternatively, when used in standalone mode, the DLP-MAV-LCD1 board may be powered externally
and communicated with utilizing the 5-pin, TTL serial header described below:
15
Figure 8: DLP-MAV-LCD1 Standalone Pins
Pin #
Description
1
FROM EXTERNAL HOST (In) – TTL serial from host processor
2
TO EXTERNAL HOST (Out) – TTL serial to host processor
3
GROUND
4
RESET (In) – Pull to ground to reset MSP430 on DLP-MAV-LCD1
5
3.0 - 3.3V (In) – Power supply for module
Table 8: TTL 5-Pin Header Descriptions


Número de pieza similar - DLP-MAVLCD1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
DLP-04 MEANWELL-DLP-04 Datasheet
168Kb / 7P
   DALI Bus Power Supply
DLP-04L MEANWELL-DLP-04L Datasheet
168Kb / 7P
   DALI Bus Power Supply
DLP-04R MEANWELL-DLP-04R Datasheet
168Kb / 7P
   DALI Bus Power Supply
logo
List of Unclassifed Man...
DLP-7970ABP ETC2-DLP-7970ABP Datasheet
60Kb / 2P
   Compatible with NFCLink Library, Compatible with MSP430G2x LaunchPad
logo
SYNERGY MICROWAVE CORPO...
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
More results

Descripción similar - DLP-MAVLCD1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com