Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCCA000484 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza MCCA000484
Descripción Electrónicos  Multi Layer Ceramic Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA000484 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MCCA000484 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000484 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000484 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000484 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000484 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000484 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA000484 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA000484 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCCA000484 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page <8>
30/06/11 V1.1
www.farnell.com
www.newark.com
www.element14.com
Multi Layer Ceramic Capacitor
Dielectric
NPO
Size
1206
Rated Voltage (V dc)
10
16
25
50
100
560 pF (561)
B
B
B
B
B
680 pF (681)
B
B
B
B
B
820 pF (821)
B
B
B
B
B
1,000 pF (102)
B
B
B
B
B
1,200 pF (122)
B
B
B
B
B
1,500 pF (152)
B
B
B
B
B
1,800 pF (182)
B
B
B
B
B
2,200 pF (222)
B
B
B
B
B
2,700 pF (272)
B
B
B
B
B
3,300 pF (332)
B
B
B
B
B
3,900 pF (392)
B
B
B
B
B
4,700 pF (472)
B
B
B
B
B
5,600 pF (562)
B
B
B
B
B
6,800 pF (682)
C
C
C
C
C
8.200 pF (822)
D
D
D
D
D
0.010 µF (103)
D
D
D
D
-
0.012 µF (123)
D^
D^
-
-
-
0.015 µF (153)
D^
D^
-
-
-
0.018 µF (183)
D^
D^
-
-
-
0.022 µF (223)
D^
D^
-
-
-
0.027 µF (273)
D^
D^
-
-
-
0.033 µF (333)
D^
D^
-
-
-
0.039 µF (393)
G^
G^
-
-
-
1. The letter in cell is expressed the symbol of thickness .
2. The letter in cell with "^" mark is expressed product with Ag / Ni / Sn terminations.
3. For more information about products with special capacitance or other data, please contact POE local representative.


Número de pieza similar - MCCA000484

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
ON Semiconductor
MCCA000571 ONSEMI-MCCA000571 Datasheet
680Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 ??Rev. 1
MCCA000571 ONSEMI-MCCA000571 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
More results

Descripción similar - MCCA000484

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com