Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCCA000390 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
MCCA000390 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 12 page Multi Layer Ceramic Capacitor Page <2> 30/06/11 V1.1 www.farnell.com www.newark.com www.element14.com Dielectric NP0 X7R Y5V Size 0603, 0805, 1206 Capacitance range* 0.5 pF to 0.039 µF 100 pF to 0.82 µF 10 nF to 0.68 µF Capacitance tolerance** Cap ≤ 5 pF: B (±0.1 pF), C (±0.25 pF), 5 pF < Cap < 10 pF: C (±0.25 pF), D (±0.5 pF) Cap ≥ 10 pF: F (±1%), G (±2%), J (±5%), K (±10%) J (±5%), K (±10%), M (±20%) M (±20%), Z (-20 / +80%) Rated voltage (W V dc) 10 V, 16 V, 25 V, 50 V, 100 V 6.3 V, 10 V, 16 V, 25 V, 50 V, 100 V Tan δδ∗∗ Cap < 30 pF: Q ≥ 400 + 20 C Cap ≥ 30 pF: Q ≥ 1,000 Note 1 Insulation resistance at Ur ≥ 10G Ω or R × C ≥ 500 Ω × F Whichever is less Operating temperature -55 to +125°C -25 to 85°C Capacitance characteristic ±30 ppm ±15% +30 / -80% Termination Ni / Sn (Lead-free termination) General Electrical Data * Measured at the condition of 30 - 70% related humidity. NP0: Apply 1 ±0.2 Vrms, 1 MHz ±10% for cap ≤ 1,000 pF and 1 ±0.2 Vrms, 1 KHz ±10% for Cap > 1,000 pF, 25°C at ambient temperature. X7R: Apply 1 ±0.2 Vrms, 1 KHz ±10%, at 25°C ambient temperature. Y5V: Apply 1 ±0.2 Vrms, 1 KHz ±10%, at 20°C ambient temperature. ** Preconditioning for class II MLCC: Perform a heat treatment at 150 ±10°C for 1 hour, then leave in ambient condition for 24 ±2 hours before measurement. Note 1: Rated Vol. D.F. Exception of D.F. ≥ 50 V ≤ 2.5% ≤ 3% 0603 ≥ 0.047 µF; 0805 ≥ 0.18 µF; 1206 ≥ 0.47 µF 25 V ≤ 3.5% ≤ 7% 0603 ≥ 0.33 µF ≤ 10% 0603 ≥ 0.47 µF 16 V ≤ 3.5% ≤ 5% 0603 ≥ 0.15 µF; 0805 ≥ 0.68 µF ≤ 10% 0603 ≥ 0.68 µF 10 V ≤ 5% ≤ 10% 0603 ≥ 0.33 µF 6.3 V ≤ 10% - - X7R / X5R Rated Vol. D.F. Exception of D.F. ≥ 50 V ≤ 5% ≤ 7% 0603 ≥ 0.1 µF; 0805 ≥ 0. 47 µF 25 V 0603 ≥ 0.1 µF; 0805 ≥ 0. 33 µF ≤ 9% 0603 ≥ 0.47 µF 16 V (C < 1 µF) ≤ 7% 0603 ≥ 0.68 µF 16 V (C ≥ 1 µF) ≤ 9% - - 10 V ≤ 12.5% - - 6.3 V ≤ 20% - - Y5V |
Número de pieza similar - MCCA000390 |
|
Descripción similar - MCCA000390 |