Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76427 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS76427
Descripción Electrónicos  LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS76427 Datasheet(HTML) 3 Page - Texas Instruments

  TPS76427 Datasheet HTML 1Page - Texas Instruments TPS76427 Datasheet HTML 2Page - Texas Instruments TPS76427 Datasheet HTML 3Page - Texas Instruments TPS76427 Datasheet HTML 4Page - Texas Instruments TPS76427 Datasheet HTML 5Page - Texas Instruments TPS76427 Datasheet HTML 6Page - Texas Instruments TPS76427 Datasheet HTML 7Page - Texas Instruments TPS76427 Datasheet HTML 8Page - Texas Instruments TPS76427 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TPS76425, TPS76427, TPS76428, TPS76430, TPS76433
LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
SLVS180B – MARCH 1999 – REVISED MAY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage, VI†
2.7
10
V
Continuous output current, IO
0
150
mA
Operating junction temperature, TJ
–40
125
°C
† To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load)
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO= 1 mA, EN = IN, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO =1mAto100 mA
TJ =25°C
245
25
255
IO = 1 mA to 100 mA,
TJ = 25°C
2.45
2.5
2.55
TPS76425
IO = 1 mA to 100 mA
2.425
2.5
2.575
V
TPS76425
IO = 1 mA to 150 mA,
TJ = 25°C
2.438
2.5
2.562
V
IO = 1 mA to 150 mA
2.407
2.5
2.593
IO = 1 mA to 100 mA,
TJ = 25°C
2.646
2.7
2.754
TPS76427
IO = 1 mA to 100 mA
2.619
2.7
2.781
V
TPS76427
IO = 1 mA to 150 mA,
TJ = 25°C
2.632
2.7
2.768
V
IO = 1 mA to 150 mA
2.598
2.7
2.8013
IO = 1 mA to 100 mA
TJ = 25°C
2.744
2.8
2.856
VO
Output voltage
TPS76428
IO = 1 mA to 150 mA,
2.73
2.8
2.870
V
VO
Out ut voltage
TPS76428
IO = 1 mA to 150 mA,
TJ = 25°C
2.716
2.8
2.884
V
IO = 1 mA to 150 mA
2.695
2.8
2.905
IO = 1 mA to 100 mA,
TJ = 25°C
2.94
3.0
3.06
TPS76430
IO = 1 mA to 100 mA
2.925
3.0
3.075
V
TPS76430
IO = 1 mA to 150 mA,
TJ = 25°C
2.91
3.0
3.090
V
IO = 1 mA to 150 mA
2.887
3.0
3.112
IO = 1 mA to 100 mA,
TJ = 25°C
3.234
3.3
3.366
TPS76433
IO = 1 mA to 100 mA
3.201
3.3
3.399
V
TPS76433
IO = 1 mA to 150 mA,
TJ = 25°C
3.218
3.3
3.382
V
IO = 1 mA to 150 mA
3.177
3.3
3.423
I(Q)
Quiescent current
(GND terminal current)
IO = 0 to 150 mA,
See Note 2
TJ = 25°C,
85
100
(Q)
(GND terminal current)
IO = 0 to 150 mA,
See Note 2
140
µA
Standby current
EN < 0.5 V,
TJ = 25°C
0.5
1
µ
Standby current
EN < 0.5 V
2
Vn
Output noise voltage
BW = 300 Hz to 50 kHz,
TJ = 25°C,
Co = 10 µF,
See Note 2
50
µV
Bypass voltage
TJ = 25°C
1.192
V
PSRR
Ripple rejection
f = 1 kHz, Co = 10 µF,
TJ = 25°C, See Note 2
60
dB
Current limit
TJ = 25°C
See Note 3
0.8
1.5
A
NOTES:
2. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater.
3. Test condition includes, output voltage VO=0 V and pulse duration = 10 mS.


Número de pieza similar - TPS76427

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76427 TI-TPS76427 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427 TI-TPS76427 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427 TI1-TPS76427 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBV TI-TPS76427DBV Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVR TI-TPS76427DBVR Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS76427

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com