Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS77901DGK Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS77901DGK
Descripción Electrónicos  250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS77901DGK Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS77901DGK Datasheet HTML 6Page - Texas Instruments TPS77901DGK Datasheet HTML 7Page - Texas Instruments TPS77901DGK Datasheet HTML 8Page - Texas Instruments TPS77901DGK Datasheet HTML 9Page - Texas Instruments TPS77901DGK Datasheet HTML 10Page - Texas Instruments TPS77901DGK Datasheet HTML 11Page - Texas Instruments TPS77901DGK Datasheet HTML 12Page - Texas Instruments TPS77901DGK Datasheet HTML 13Page - Texas Instruments TPS77901DGK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPS77901, TPS77918, TPS77925, TPS77930
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
SLVS283D – MARCH 2000 – REVISED OCTOBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
f – Frequency – Hz
10
100
100k
10M
10
1
10k
1k
IO = 1 mA
IO = 250 mA
TPS77930
OUTPUT IMPEDANCE
vs
FREQUENCY
0.1
0.01
1M
Figure 9
Figure 10
200
150
100
0
2.7
3.2
3.7
4.2
300
350
400
4.7
250
50
TPS77901
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
VI – Input Voltage – V
TJ = 125 °C
TJ = –40 °C
TJ = 25 °C
IO = 250 mA
Figure 11
200
150
100
0
–50 –30
–10
10
30
50
70
300
350
400
90
110
130
250
50
TPS77930
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
IO= 0.05 A
IO= 0.15 A
IO= 0.25 A
VI = 2.9 V


Número de pieza similar - TPS77901DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77901DGK TI-TPS77901DGK Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901DGK TI1-TPS77901DGK Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901DGKG4 TI1-TPS77901DGKG4 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901DGKR TI1-TPS77901DGKR Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901DGKRG4 TI1-TPS77901DGKRG4 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results

Descripción similar - TPS77901DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com