Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78925 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS78925
Descripción Electrónicos  ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS78925 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS78925 Datasheet HTML 4Page - Texas Instruments TPS78925 Datasheet HTML 5Page - Texas Instruments TPS78925 Datasheet HTML 6Page - Texas Instruments TPS78925 Datasheet HTML 7Page - Texas Instruments TPS78925 Datasheet HTML 8Page - Texas Instruments TPS78925 Datasheet HTML 9Page - Texas Instruments TPS78925 Datasheet HTML 10Page - Texas Instruments TPS78925 Datasheet HTML 11Page - Texas Instruments TPS78925 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPS78915, TPS78918, TPS78925, TPS78928, TPS78930
ULTRALOW-POWER LOW-NOISE 100-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS300A – SEPTEMBER 2000 – REVISED MAY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
f – Frequency – Hz
1k
10k
100k
IO = 1 mA
VI = 4.3 V
0
800
500
100
700
200
300
600
400
100
IO = 100 mA
TPS78930
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 4 V
Co = 10 µF
C(byp) = 0.1 µF
Figure 10
f – Frequency – Hz
1k
10k
100k
0
1.6
1
2
0.2
1.4
0.4
1.8
0.6
1.2
0.8
100
C(byp) = 0.01 µF
TPS78930
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 4 V
IO = 100 mA
Co= 10 µF
C(byp) = 0.1 µF
C(byp) = 0.001 µF
Figure 11
150
100
50
0
0.00001
0.0001
0.001
0.01
200
250
ROOT MEAN SQUARED OUTPUT NOISE
vs
BYPASS CAPACITANCE
300
0.1
1
C(bypass) – Bypass Capacitance – µF
VO = 3 V
VO = 1.5 V
VI = 4 V
Co = 4.7 µF
Figure 12
100
1 M
10
1 k
f – Frequency – Hz
10 k
OUTPUT IMPEDANCE
vs
FREQUENCY
0
1.6
1
2
0.2
1.4
0.4
1.8
0.6
1.2
0.8
100 k
IO = 100 mA
IO = 1 mA


Número de pieza similar - TPS78925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78925 TI-TPS78925 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78925DBVR TI-TPS78925DBVR Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78925DBVT TI-TPS78925DBVT Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS78925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com