Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76138DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS76138DBVRG4
Descripción Electrónicos  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS76138DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS76138DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS76138DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS76138DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS76138DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS76138DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS76138DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS76138DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS76138DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS76138DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
IO – Output Current – mA
TPS76130
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.01
2.98
2.94
20
60
3
2.99
2.97
40
80
120
3.02
0
100
2.96
2.95
VI = 4 V
CI = CO = 4.7 µF
TA = 25°C
Figure 2
IO – Output Current – mA
TPS76133
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.31
3.28
3.24
20
60
3.3
3.29
3.27
40
80
120
3.32
0
100
3.26
3.25
VI = 4.3 V
CI = CO = 4.7 µF
TA = 25°C
Figure 3
IO – Output Current – mA
TPS76150
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5.02
4.99
4.95
20
60
5.01
5
4.98
40
80
120
5.03
0
100
4.97
4.96
VI = 6 V
CI = CO = 4.7 µF
TA = 25°C
Figure 4
TA – Free-Air Temperature – °C
TPS76130
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
2.95
2.91
–20
20
2.93
0
40
140
3.02
–60
60
80
2.98
3
100 120
IL = 100 mA
IL = 1 mA
2.96
2.92
2.97
2.94
2.99
3.01
–40
VI = 4 V
CI = CO = 4.7 µF


Número de pieza similar - TPS76138DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76138DBVRG4 TI-TPS76138DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS76138DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com