Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68302DESC01QYA Datasheet(PDF) 11 Page - ATMEL Corporation

No. de pieza TS68302DESC01QYA
Descripción Electrónicos  Integrated Multiprotocol Processor IMP
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302DESC01QYA Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TS68302DESC01QYA Datasheet HTML 7Page - ATMEL Corporation TS68302DESC01QYA Datasheet HTML 8Page - ATMEL Corporation TS68302DESC01QYA Datasheet HTML 9Page - ATMEL Corporation TS68302DESC01QYA Datasheet HTML 10Page - ATMEL Corporation TS68302DESC01QYA Datasheet HTML 11Page - ATMEL Corporation TS68302DESC01QYA Datasheet HTML 12Page - ATMEL Corporation TS68302DESC01QYA Datasheet HTML 13Page - ATMEL Corporation TS68302DESC01QYA Datasheet HTML 14Page - ATMEL Corporation TS68302DESC01QYA Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11
TS68302
2117A–HIREL–11/02
Table 6. DC Electrical Characteristics - NMSI1 in IDL mode
Symbol
Parameter
Condition
Min
Nom
Max
Unit
V
DD
Power
4.5
5.0
5.5
V
VSS
Common
0
0
0
V
T
Temperature
Operating range
-55
25
+125
°C
Input Pin Characteristics: L1CLK, L1SY1, L1R x D, L1GR
VIL
Input Low Level Voltage
(% of VDD)
-10%
+20%
V
V
IH
Input High Level Voltage
V
DD - 20%
V
DD + 10%
V
I
IH
Input Low Level Current
V
in = VSS
±10
µA
IIH
Input High Level Current
Vin = VDD
±10
µA
Output Pin Characteristics: L1T x D, SDS1-SDS2, L1RQ
V
OL
Output Low Level Voltage
I
OL = 2.0 mA
0
0.50
V
VOH
Output High Level Voltage
IOH = 2.0 mA
VDD - 0.5
VDD
V


Número de pieza similar - TS68302DESC01QYA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332 ATMEL-TS68332 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01ZA ATMEL-TS68332DESC01ZA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Descripción similar - TS68302DESC01QYA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68QH302 FREESCALE-MC68QH302 Datasheet
255Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com