Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68020DESC04XA Datasheet(PDF) 11 Page - ATMEL Corporation

No. de pieza TS68020DESC04XA
Descripción Electrónicos  HCMOS 32-bit Virtual Memory Microprocessor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68020DESC04XA Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TS68020DESC04XA Datasheet HTML 7Page - ATMEL Corporation TS68020DESC04XA Datasheet HTML 8Page - ATMEL Corporation TS68020DESC04XA Datasheet HTML 9Page - ATMEL Corporation TS68020DESC04XA Datasheet HTML 10Page - ATMEL Corporation TS68020DESC04XA Datasheet HTML 11Page - ATMEL Corporation TS68020DESC04XA Datasheet HTML 12Page - ATMEL Corporation TS68020DESC04XA Datasheet HTML 13Page - ATMEL Corporation TS68020DESC04XA Datasheet HTML 14Page - ATMEL Corporation TS68020DESC04XA Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
11
TS68020
2115A–HIREL–07/02
Dynamic (Switching)
Characteristics
The limits and values given in this section apply over the full case temperature range -
55
°C to +125°Cand V
CC in the range 4.5V to 5.5V VIL =0.5V and VIH =2.4V (Seealso
note 12 and 13). The INTERVAL numbers refer to the timing diagrams. See Figure 5,
Figure 9 and Figure 12.
Table 6. Dynamic Electrical Characteristics
Symbol
Parameter
Interval
Number
68020-16
68020-20
68020-25
Unit
Notes
Min
Max
Min
Max
Min
Max
tCPW
Clock Pulse Width
2 , 3
24
95
20
54
19
61
ns
tCHAV
Clock High to Address/FC/Size/RMC
Valid
6
0
30
025025
ns
t
CHEV
Clock High to ECS,OCS Asserted
6A
0
200
15
0
12ns
t
CHAZX
Clock High to Address/Data/FC/RMC/
Size High Impedance
7
0
60
050040
ns
(11)
tCHAZn
Clock High to Address/FC/Size/RMC
Invalid
80
0
0
ns
tCLSA
Clock Low to AS,DS Asserted
9
3
30
325318
ns
t
STSA
AS to DS Assertion (Read)(Skew)
9A
-15
15
-10
10
-10
10
ns
(1)
t
ECSA
ECS Width Asserted
10
20
15
15
ns
tOCSA
OCS Width Asserted
10A
20
15
15
ns
tEOCSN
ECS,OCS Width Negated
10B
15
10
5
ns
(11)
tAVSA
Address/FC/Size/RMC ValidtoAS
Asserted (and DS Asserted, Read)
11
15
10
6
ns
(6)
tCLSN
Clock Low to AS,DS Negated
12
0
30
0
25
0
15
ns
tCLEN
Clock Low to ECS/OCS Negated
12A
0
30
0
25
0
15
ns
t
SNAI
AS,DS Negated to Address/FC/
Size/RMC Invalid
13
15
10
10
ns
tSWA
AS (and DS, Read) Width Asserted
14
100
85
70
ns
tSWAW
DS Width Asserted, Write
14A
40
38
30
ns
tSN
AS,DS Width Negated
15
40
38
30
ns
(11)
tSNSA
DS NegatedtoAS Asserted
15A
35
30
25
ns
(8)
t
CSZ
Clock High to AS/DS/R/W/DBEN High
Impedance
16
60
50
40
ns
(11)
tSNRN
AS,DS Negated to R/W High
17
15
10
10
ns
(6)
tCHRH
Clock High to R/W High
18
0
30
0
25
0
20
ns
tCHRL
Clock High to R/W Low
20
0
30
025020
ns
tRAAA
R/W High to AS Asserted
21
15
10
5
ns
(6)
t
RASA
R/W Low to DS Asserted (Write)
22
75
60
50
ns
(6)
t
CHDO
Clock High to Data Out Valid
23
30
25
25
ns
tSNDI
AS, DS Negated to Data Out Valid
25
15
10
5
ns
(6)
tDNDBN
DS NegatedtoDBEN Negated (Write)
25A
15
10
5
ns
(9)


Número de pieza similar - TS68020DESC04XA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Descripción similar - TS68020DESC04XA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
   16-/32-Bit Virtual Memory Microprocessor
logo
List of Unclassifed Man...
TS68C000 ETC-TS68C000 Datasheet
2Mb / 38P
   LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC001 MOTOROLA-MC68HC001 Datasheet
841Kb / 33P
   Low Power HCMOS 8-/16-/32-Bit Microprocessor
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com