Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC3332 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 2SC3332
Descripción Electrónicos  Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3332 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC3332 Datasheet HTML 1Page - ON Semiconductor 2SC3332 Datasheet HTML 2Page - ON Semiconductor 2SC3332 Datasheet HTML 3Page - ON Semiconductor 2SC3332 Datasheet HTML 4Page - ON Semiconductor 2SC3332 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3332
No.1334-3/5
Ambient Temperature, Ta --
°C
PC -- Ta
0
20
40
60
80
100
120
140
160
0
200
400
600
800
ITR03230
Base to Emitter Voltage, VBE -- V
IC -- VBE
Collector to Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
VCE(sat) -- IC
Collector to Emitter Voltage, VCE -- V
S O A
ITR03225
ITR03222
ITR03223
10
100
23
35
7
1000
7
57
2
2
35
7
10
5
7
100
5
3
7
1000
5
3
2
2
3
1.0
10
23
5
7
57
2
100
72
35
7
10
1.0
5
7
100
5
3
2
3
2
0
0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
1000
VCE=5V
f=1MHz
ITR03227
10
3
57
100
23
5
7
1000
7
5
2
10
7
100
5
3
5
3
2
2
VCE=10V
5V
57
10
7 100
23
35
7 1000
22
35
0.1
3
5
2
1.0
3
5
2
10
3
5
2
IC / IB=10
DC
operation
10ms
100ms
10
1.0
3
5
2
3
5
3
5
3
5
100
7
2
2
3
2
3
5
7
35
10
2
2
100
1000
ICP=1.5A
IC=0.7A
1ms
ITR03228
ITR03229
Pulse
Ta=25
°C
Single pulse


Número de pieza similar - 2SC3332

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC3332 SANYO-2SC3332 Datasheet
101Kb / 3P
   High-Voltage Switching Applications
2SC3332 SANYO-2SC3332 Datasheet
103Kb / 4P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC3332 ONSEMI-2SC3332 Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332 ONSEMI-2SC3332 Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
More results

Descripción similar - 2SC3332

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
2SA1770 ONSEMI-2SA1770 Datasheet
609Kb / 7P
   Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com