Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68882MF16 Datasheet(PDF) 6 Page - ATMEL Corporation

No. de pieza TS68882MF16
Descripción Electrónicos  CMOS Enhanced Floating-point Co-processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68882MF16 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TS68882MF16 Datasheet HTML 2Page - ATMEL Corporation TS68882MF16 Datasheet HTML 3Page - ATMEL Corporation TS68882MF16 Datasheet HTML 4Page - ATMEL Corporation TS68882MF16 Datasheet HTML 5Page - ATMEL Corporation TS68882MF16 Datasheet HTML 6Page - ATMEL Corporation TS68882MF16 Datasheet HTML 7Page - ATMEL Corporation TS68882MF16 Datasheet HTML 8Page - ATMEL Corporation TS68882MF16 Datasheet HTML 9Page - ATMEL Corporation TS68882MF16 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
TS68882
2119A–HIREL–04/02
Signal Summary
Table 1 provides a summary of all the TS68882 signals described in this section.
Detailed
Specifications
Scope
This drawing describes the specific requirements for the microprocessor 68882, 16.67,
20 MHz and 25 MHz, in compliance with MIL-STD-883 class B.
Applicable Documents
MIL-STD-883
1.
MIL-STD-883: Test Methods And Procedures For Electronics
2.
MIL-PRF-38535 Appendix A: General Specifications For Microcircuits
3.
Desc Drawing 5962 - 89436xxx
Requirements
General
The microcircuits are in accordance with the applicable document and as specified
herein.
Design and Construction
Terminal Connections
Depending on the package, the terminal connections shall be as shown in Figure 2 and
Figure 2b.
Lead Material and Finish
Lead material and finish shall be any option of MIL-STD-1835.
Table 1. Signal Summary
Signal Name
Mnemonic
Input/Output
Active State
Three State
Address Bus
A0 - A4
Input
High
Data Bus
D0 - D31
Input/Output
High
Yes
Size
SIZE
Input
Low
Address Strobe
AS
Input
Low
Chip Select
CS
Input
Low
Read/Write
R/W
Input
High/Low
Data Strobe
DS
Input
Low
Data Transfer and Size Acknowledge
DSACK0,DSACK1
Output
Low
Yes
Reset
RESET
Input
Low
Clock
CLK
Input
Sense Device
SENSE
Input/Output
Low
No
Power Input
VCC
Input
Ground
GND
Input


Número de pieza similar - TS68882MF16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Descripción similar - TS68882MF16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com