Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPSC107K002S0100 Datasheet(PDF) 11 Page - AVX Corporation

No. de pieza TPSC107K002S0100
Descripción Electrónicos  TPS Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K002S0100 Datasheet(HTML) 11 Page - AVX Corporation

Back Button TPSC107K002S0100 Datasheet HTML 3Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 4Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 5Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 6Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 7Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 8Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 9Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 10Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSD156*035#0100
D
15
35
5.3
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD156*035#0300
D
15
35
5.3
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSY156*035#0250
Y
15
35
5.3
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSD226*035#0125
D
22
35
7.7
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD226*035#0200
D
22
35
7.7
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD226*035#0300
D
22
35
7.7
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD226*035#0400
D
22
35
7.7
6
400
1
0.612
0.551
0.245
0.245
0.220
0.098
TPSE226*035#0125
E
22
35
7.7
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE226*035#0200
E
22
35
7.7
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE226*035#0300
E
22
35
7.7
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSY226*035#0200
Y
22
35
7.7
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSD336*035#0200
D
33
35
11.6
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD336*035#0300
D
33
35
11.6
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSE336*035#0100
E
33
35
11.6
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE336*035#0250
E
33
35
11.6
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSE336*035#0300
E
33
35
11.6
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSV336*035#0200
V
33
35
11.6
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSE476*035#0200
E
47
35
16.5
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE476*035#0250
E
47
35
16.5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSV476*035#0150
V
47
35
16.5
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV476*035#0200
V
47
35
16.5
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSV686*035#0150
V
68
35
23.8
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV686*035#0200
V
68
35
23.8
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
50 Volt @ 85ºC (33 Volt @ 125ºC)
TPSA154*050#9000
A
0.15
50
0.5
4
9000
1
0.091
0.082
0.037
0.822
0.739
0.329
TPSA224*050#7000
A
0.22
50
0.5
4
7000
1
0.104
0.093
0.041
0.725
0.652
0.290
TPSA334*050#7000
A
0.33
50
0.5
4
7000
1
0.104
0.093
0.041
0.725
0.652
0.290
TPSA474*050#6500
A
0.47
50
0.5
4
6500
1
0.107
0.097
0.043
0.698
0.628
0.279
TPSB474*050#6000
B
0.47
50
0.5
4
6000
1
0.119
0.107
0.048
0.714
0.643
0.286
TPSC474*050#2300
C
0.47
50
0.5
4
2300
1
0.219
0.197
0.087
0.503
0.453
0.201
TPSB684*050#4000
B
0.68
50
0.5
4
4000
1
0.146
0.131
0.058
0.583
0.525
0.233
TPSB105*050#3000
B
1
50
0.5
6
3000
1
0.168
0.151
0.067
0.505
0.454
0.202
TPSC105*050#2500
C
1
50
0.5
4
2500
1
0.210
0.189
0.084
0.524
0.472
0.210
TPSC155*050#1500
C
1.5
50
0.8
6
1500
1
0.271
0.244
0.108
0.406
0.366
0.162
TPSC155*050#2000
C
1.5
50
0.8
6
2000
1
0.235
0.211
0.094
0.469
0.422
0.188
TPSC225*050#1500
C
2.2
50
1.1
8
1500
1
0.271
0.244
0.108
0.406
0.366
0.162
TPSD225*050#1200
D
2.2
50
1.1
6
1200
1
0.354
0.318
0.141
0.424
0.382
0.170
TPSC335*050#1000
C
3.3
50
1.6
6
1000
1
0.332
0.298
0.133
0.332
0.298
0.133
TPSD335*050#0800
D
3.3
50
1.7
6
800
1
0.433
0.390
0.173
0.346
0.312
0.139
TPSC475*050#0800
C
4.7
50
2.4
6
800
1
0.371
0.334
0.148
0.297
0.267
0.119
TPSD475*050#0300
D
4.7
50
2.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD475*050#0500
D
4.7
50
2.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD475*050#0700
D
4.7
50
2.4
6
700
1
0.463
0.417
0.185
0.324
0.292
0.130
TPSD685*050#0200
D
6.8
50
3.4
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD685*050#0300
D
6.8
50
3.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD685*050#0500
D
6.8
50
3.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD685*050#0600
D
6.8
50
3.4
6
600
1
0.500
0.450
0.200
0.300
0.270
0.120
TPSD106*050#0500
D
10
50
5
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSE106*050#0250
E
10
50
5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSE106*050#0300
E
10
50
5
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSE106*050#0400
E
10
50
5
6
400
1
1)
0.642
0.578
0.257
0.257
0.231
0.103
TPSE106*050#0500
E
10
50
5
6
500
1
1)
0.574
0.517
0.230
0.287
0.259
0.115
TPSE156*050#0250
E
15
50
7.5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSV156*050#0250
V
15
50
7.5
6
250
1
1)
1.000
0.900
0.400
0.250
0.225
0.100
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 120.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
40


Número de pieza similar - TPSC107K002S0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
146Kb / 11P
   Low ESR
More results

Descripción similar - TPSC107K002S0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
TPSD476K025R0125 AVX-TPSD476K025R0125 Datasheet
146Kb / 11P
   TPS Series
TPSD226K035R0200 AVX-TPSD226K035R0200 Datasheet
166Kb / 11P
   TPS Series
TPSD337K006R0045 AVX-TPSD337K006R0045 Datasheet
146Kb / 11P
   TPS Series
TPSE476M035R0200 AVX-TPSE476M035R0200 Datasheet
197Kb / 16P
   TPS Series
TPSD686K020R0070 AVX-TPSD686K020R0070 Datasheet
163Kb / 11P
   TPS Series
TPSE226K035R0200 AVX-TPSE226K035R0200 Datasheet
146Kb / 11P
   TPS Series
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com