Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCB1700 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza MCB1700
Descripción Electrónicos  LPC1760.SchDoc
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MCB1700 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCB1700 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
MCB1700
1.2
29.7.2009
Size:
Date:
Web:
Revision:
Sheet
of
A4
LPC1750.SchDoc
TDO/SWO
1
TDI
2
TMS/SWDIO
3
nTRST
4
TCK/SWDCLK
5
VDDA
8
VSSA
9
VREF+
10
nRSTOUT
11
VREF-
12
RTCK_I
13
nRESET
14
RTCK_O
15
VBAT
16
XTAL_I
19
XTAL_O
20
VDDIO_1
21
VSS_1
24
VSS_2
33
VDDREG_1
34
VDDIO_2
42
VSS_3
43
VDDIO_3
56
VSS_4
57
VSS_5
66
VDDREG_2
67
VDDIO_4
77
VSS_6
78
IC2B
LPC1758
P0.26/AD0.3/AOUT/RXD3
6
P0.25/AD0.2/I2SRX_SDA/TXD3
7
P1.31/SCK1/AD0.5
17
P1.30/VBUS/AD0.4
18
P0.29/USB_D+
22
P0.30/USB_D-
23
P1.18/USB_UP_LED/PWM1.1/CAP1.0
25
P1.19/MC0A/nUSB_PPWR/CAP1.1
26
P1.20/MCFB0/PWM1.2/SCK0
27
P1.22/MC0B/USB_PWRD/MAT1.0
28
P1.23/MCFB1/PWM1.4/MISO0
29
P1.24/MCFB2/PWM1.5/MOSI0
30
P1.25/MC1A/CLKOUT/MAT1.1
31
P1.26/MC1B/PWM1.6/CAP0.0
32
P1.28/MC2A/PCAP1.0/MAT0.0
35
P1.29/MC2B/PCAP1.1/MAT0.1
36
P0.0/RD1/TXD3/SDA1
37
P0.1/TD1/RXD3/SCL1
38
P0.10/TXD2/SDA2/MAT3.0
39
P0.11/RXD2/SCL2/MAT3.1
40
P2.10/nEINT0/NMI
41
P0.22/RTS1/TD1
44
P0.18/DCD1/MOSI0/MOSI
45
P0.17/CTS1/MISO0/MISO
46
P0.15/TXD1/SCK0/SCK
47
P0.16/RXD1/SSEL0/SSEL
48
P2.9/USB_CONNECT/RXD2/ENET_MDIO
49
P2.8/TD2/TXD2/ENET_MDC
50
P2.7/RD2/RTS1
51
P2.6/PCAP1.0/RI1/TRACECLK
52
P2.5/PWM1.6/DTR1/TRACEDATA0
53
P2.4/PWM1.5/DSR1/TRACEDATA1
54
P2.3/PWM1.4/DCD1/TRACEDATA2
55
P2.2/PWM1.3/CTS1/TRACEDATA3
58
P2.1/PWM1.2/RXD1
59
P2.0/PWM1.1/TXD1
60
P0.9/I2STX_SDA/MOSI1/MAT2.3
61
P0.8/I2STX_WS/MISO1/MAT2.2
62
P0.7/I2STX_CLK/SCK1/MAT2.1
63
P0.6/I2SRX_SDA/SSEL1/MAT2.0
64
P4.28/RX_MCLK/MAT2.0/TXD3
65
P4.29/TX_MCLK/MAT2.1/RXD3
68
P1.15/ENET_REF_CLK
69
P1.14/ENET_RX_ER
70
P1.10/ENET_RXD1
71
P1.9/ENET_RXD0
72
P1.8/ENET_CRS
73
P1.4/ENET_TX_EN
74
P1.1/ENET_TXD1
75
P1.0/ENET_TXD0
76
P0.2/TXD0/AD0.7
79
P0.3/RXD0/AD0.6
80
IC2A
LPC1758
TRST_N
TMS/SWDIO
TDI
TDO/SWO
TCK/SWDCLK
RSTOUTN
RST
VBAT
RTCK_II
RTCK_OO
XTAL_II
XTAL_OO
GND
VREF++
P4.28
P4.29
P0.0
P0.1
P0.2
P0.3
P0.6
P0.7
P0.8
P0.9
P0.10
P0.11
P0.15
P0.16
P0.17
P0.18
P0.22
P0.25
P0.26
P0.29
P0.30
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P2.8
P2.9
P2.10
P1.0
P1.1
P1.4
P1.8
P1.9
P1.10
P1.14
P1.15
P1.18
P1.19
P1.20
P1.22
P1.23
P1.24
P1.25
P1.26
P1.28
P1.29
P1.30
P1.31
C15
100n
C16
100n
C17
100n
C18
100n
C19
100n
C20
100n
GND
GND
C22
10n
C24
10n
GND
GND
+3.3VA
C23
1u
C21
1u
L7
BLM
L5
BLM
+3.3VA
VDDAA
L6
BLM
VREF--
L8
BLM
VSSAA
VDDIO
VDDREG
C32
22p
C89
22p
C91
22p
C90
22p
Q3
32.768 kHz
GND
GND
Q4
12MHz
2
6
www.keil.com/MCB1700


Número de pieza similar - MCB1700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stackpole Electronics, ...
MCB10 SEI-MCB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Allied Components Inter...
MCB10-070-RC ALLIED-MCB10-070-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
MCB10-090-RC ALLIED-MCB10-090-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
MCB10-101-RC ALLIED-MCB10-101-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
MCB10-102-RC ALLIED-MCB10-102-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com