Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCB1700 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza MCB1700
Descripción Electrónicos  LPC1760.SchDoc
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MCB1700 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCB1700 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCB1700 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
MCB1700
1.2
29.7.2009
Size:
Date:
Web:
Revision:
Sheet
of
A4
USB_OTG.SchDoc
ENA
1
FLG B
3
IN
7
OUT B
5
FLG A
2
ENB
4
GND
6
OUT A
8
IC10
LM3526M-L
ADR/PSW
1
SDA
2
SCL
3
RESET_N
4
INT_N
5
SPEED
6
VREG3V3
7
SUSPEND
8
OE_N/INT_N
9
VM
10
VP
11
RCV
12
SE0/VM
13
DAT/VP
14
DM
15
DP
16
AGND
17
ID
18
VBUS
19
VCC
20
C1
21
C2
22
CGND
23
VCCIO
24
IC11
ISP1301
R53
10k
R51
10k
R50
10k
R52
100k
R47
100k
R49
3k3
R48
3k3
R42
33R
R43
33R
R58
33R
R57
33R
R45
15k
R44
15k
C55
100n
C54
100n
C60
100n
C59
100n
C58
100n
C57
100n
C63
100n
C62
22p
C61
22p
GND
GND
GND
GND
GND
+5V
+3.3V
+3.3V
+3.3V
GND
GND
GND
GND
GND
GND
R41
15k
P1.27
GND
GND
GND
GND
VUSB
1
D-
2
D+
3
ID
4
GND
5
OTG
USB-micro-AB
GND
GND
VBUS
1
D-
2
D+
3
GND
4
HOST
USB-A right angle
GND
DH-
DH+
R54
0R_MCB1760 only
R56
0R_MCB1760 only
R46
0R_MCB1750 only
R55
0R_MCB1750 only
P0.10
P0.11
P0.27
P0.28
P1.19
+3.3V
P0.22
R8
0R
C64
10u
C56
10u
4
6
www.keil.com/MCB1700
R82
0R
R83
0R


Número de pieza similar - MCB1700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stackpole Electronics, ...
MCB10 SEI-MCB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Allied Components Inter...
MCB10-070-RC ALLIED-MCB10-070-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
MCB10-090-RC ALLIED-MCB10-090-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
MCB10-101-RC ALLIED-MCB10-101-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
MCB10-102-RC ALLIED-MCB10-102-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com