Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP27GP Datasheet(PDF) 11 Page - Analog Devices

No. de pieza OP27GP
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27GP Datasheet(HTML) 11 Page - Analog Devices

Back Button OP27GP Datasheet HTML 7Page - Analog Devices OP27GP Datasheet HTML 8Page - Analog Devices OP27GP Datasheet HTML 9Page - Analog Devices OP27GP Datasheet HTML 10Page - Analog Devices OP27GP Datasheet HTML 11Page - Analog Devices OP27GP Datasheet HTML 12Page - Analog Devices OP27GP Datasheet HTML 13Page - Analog Devices OP27GP Datasheet HTML 14Page - Analog Devices OP27GP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OP27
Rev. F | Page 11 of 20
TOTAL SUPPLY VOLTAGE (V)
2.5
100
0
050
TA = 25°C
2.0
1.5
1.0
0.5
10
20
30
40
RL = 2kΩ
RL = 1kΩ
Figure 22. Open-Loop Voltage Gain vs. Supply Voltage
0
1k
10M
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
28
24
20
16
12
8
4
10k
100k
1M
Figure 23. Maximum Output Swing vs. Frequency
–2
100
10k
LOAD RESISTANCE (
Ω)
18
16
14
12
10
8
6
4
2
0
1k
TA = 25°C
VS = ±15V
POSITIVE
SWING
NEGATIVE
SWING
Figure 24. Maximum Output Voltage vs. Load Resistance
0
0
2500
CAPACITIVE LOAD (pF)
VS = ±15V
VIN = 100mV
AV = +1
80
60
40
20
500
1000
1500
2000
Figure 25. Small-Signal Overshoot vs. Capacitive Load
50mV
–50mV
0V
AVCL = +1
CL = 15pF
VS = ±15V
TA = 25°C
20mV
500ns
Figure 26. Small-Signal Transient Response
+5V
–5V
0V
AVCL = +1
VS = ±15V
TA = 25°C
2V
2
μs
Figure 27. Large Signal Transient Response


Número de pieza similar - OP27GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OP27GP TI-OP27GP Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP27GP AD-OP27GP Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27GP MAXIM-OP27GP Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27GP AD-OP27GP Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27GP AD-OP27GP Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Descripción similar - OP27GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com