Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2575T-ADJ/LB03 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2575T-ADJ/LB03
Descripción Electrónicos  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575T-ADJ/LB03 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2575T-ADJ/LB03 Datasheet HTML 7Page - Texas Instruments LM2575T-ADJ/LB03 Datasheet HTML 8Page - Texas Instruments LM2575T-ADJ/LB03 Datasheet HTML 9Page - Texas Instruments LM2575T-ADJ/LB03 Datasheet HTML 10Page - Texas Instruments LM2575T-ADJ/LB03 Datasheet HTML 11Page - Texas Instruments LM2575T-ADJ/LB03 Datasheet HTML 12Page - Texas Instruments LM2575T-ADJ/LB03 Datasheet HTML 13Page - Texas Instruments LM2575T-ADJ/LB03 Datasheet HTML 14Page - Texas Instruments LM2575T-ADJ/LB03 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit Figure 25 and Figure 26)
Maximum Power Dissipation
Feedback Pin Current
(TO-263) (See (1))
Figure 21.
Figure 22.
Switching Waveforms
Load Transient Response
VOUT = 5V
A: Output Pin Voltage, 10V/div
B: Output Pin Current, 1A/div
C: Inductor Current, 0.5A/div
D: Output Ripple Voltage, 20 mV/div,
AC-Coupled
Horizontal Time Base: 5
μs/div
Figure 23.
Figure 24.
(1)
If the DDPAK/TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally
connected to the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W;
and with 1.6 or more square inches of copper area,
θJA is 32°C/W.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1575 LM2575-N LM2575HV


Número de pieza similar - LM2575T-ADJ/LB03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2575T-ADJ/LB03 TI1-LM2575T-ADJ/LB03 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Descripción similar - LM2575T-ADJ/LB03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com