Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMK0870FJ Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

No. de pieza SMK0870FJ
Descripción Electrónicos  SWITCHING REGULATOR APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK0870FJ Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SMK0870FJ Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0870FJ Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0870FJ Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0870FJ Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0870FJ Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0870FJ Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0870FJ Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0870FJ Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T0O067-000
2
SMK0870FJ
Electrical Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0V
700
-
-
V
Gate threshold voltage
VGS(th)
ID=250uA, VDS=VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=700V, VGS=0V
-
-
1
uA
Gate leakage current
IGSS
VDS=0V, VGS=30V
-
-
100
nA
Drain-source on-resistance
RDS(on)
VGS=10V, ID=4.0A
-
0.77
0.90
Forward transfer conductance
gfs
VDS=10V, ID=4.0A
-
11
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V
f=1 MHz
-
2006
2507
pF
Output capacitance
Coss
-
148
185
Reverse transfer capacitance
Crss
-
13.7
17.1
Turn-on delay time
td(on)
VDD=350V, ID=8A
RG=25Ω
-
23
-
ns
Rise time
tr
-
69
-
Turn-off delay time
td(off)
-
144
-
Fall time
tf
-
77
-
Total gate charge
Qg
VDS=560V, VGS=10V
ID=8A
-
32
40
nC
Gate-source charge
Qgs
-
9
-
Gate-drain charge
Qgd
-
8
-
Source-Drain Diode Ratings and Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Source current (DC)
IS
Integral reverse diode
in the MOSFET
-
-
8
A
Source current (Pulsed)
ISM
-
-
32
Forward voltage
VSD
VGS=0V, IS=8A
-
-
1.4
V
Reverse recovery time
trr
IS=8A, VGS=0V
dIF/dt=100A/us
-
420
-
ns
Reverse recovery charge
Qrr
-
4.2
-
uC
Note ;
Repetitive rating : Pulse width limited by maximum junction temperature
L=7.74mH, IAS=8A, VDD=50V, RG=25Ω, Starting TJ=25℃
Pulse Test : Pulse width≤300us, Duty cycle≤2%
Essentially independent of operating temperature


Número de pieza similar - SMK0870FJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SMK0870FJ KODENSHI-SMK0870FJ Datasheet
413Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
More results

Descripción similar - SMK0870FJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com