Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMK1060FJ-1 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza SMK1060FJ-1
Descripción Electrónicos  SWITCHING REGULATOR APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK1060FJ-1 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SMK1060FJ-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK1060FJ-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK1060FJ-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK1060FJ-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK1060FJ-1 Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK1060FJ-1 Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK1060FJ-1 Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK1060FJ-1 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T0O069-000
1
SMK1060FJ
Advanced N-Ch Power MOSFET
G
D
PIN Connection
S
TO-220F-3L
S
SWITCHING REGULATOR APPLICATIONS
Features
 High Voltage : BVDSS=600V(Min.)
 Low Crss : Crss=18pF(Typ.)
 Low gate charge : Qg=35nC(Typ.)
 Low RDS(on) : RDS(on)=0.75Ω(Max.)
Ordering Information
Marking Diagram
Absolute maximum ratings (T
C=25C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Gate-source voltage
VGSS
30
V
Drain current (DC) *
ID
TC=25C
10
A
TC=100C
5.8
A
Drain current (Pulsed) *
IDM
38
A
Power dissipation
PD
40
W
Avalanche current (Single)
IAS
10
A
Single pulsed avalanche energy
EAS
480
mJ
Avalanche current (Repetitive)
IAR
10
A
Repetitive avalanche energy
EAR
11.6
mJ
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55~150
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max.
Unit
Thermal
resistance
Junction-case
Rth(J-C)
-
3.1
C/W
Junction-ambient
Rth(J-A)
-
62.5
Type No.
Marking
Package Code
SMK1060FJ
SMK1060
TO-220F-3L
(J Forming)
Column 1 : Manufacturer
Column 2 : Production Information
e.g.) GYMDD
-. G : Factory management code
-. YMDD : Date Code (year, month, date)
Column 3 : Device Code
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB20D45
AUK
GYMDD
SMK1060
G
D


Número de pieza similar - SMK1060FJ-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SMK1060FJ KODENSHI-SMK1060FJ Datasheet
423Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
More results

Descripción similar - SMK1060FJ-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com