Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6124 Datasheet(PDF) 2 Page - Boca Semiconductor Corporation

No. de pieza 2N6124
Descripción Electrónicos  Medium Power Linear and Switching Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOCA [Boca Semiconductor Corporation]
Página de inicio  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

2N6124 Datasheet(HTML) 2 Page - Boca Semiconductor Corporation

  2N6124 Datasheet HTML 1Page - Boca Semiconductor Corporation 2N6124 Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current
IC
max.
4.0
A
Collector current (Peak)
ICM
max.
7.0
A
Base current
IB
max.
1.0
A
Total power dissipation up to TC = 25°C Ptot
max.
40
W
Derate above 25°C
max.
320
mW/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
3.12
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
6121 6122 6123
6124 6125 6126
Collector cutoff current
IB = 0; VCE = 45 V
ICEO
max. 1.0
mA
IB = 0; VCE = 60 V
ICEO
max. –
1.0
mA
IB = 0; VCE = 80 V
ICEO
max. –
1.0 mA
VEB(off) = 1.5 V; VCE = 45 V
ICEX
max. 0.1
mA
VEB(off) = 1.5 V; VCE = 60 V
ICEX
max. –
0.1
mA
VEB(off) = 1.5 V; VCE = 85 V
ICEX
max. –
0.1 mA
VEB(off) = 1.5 V; VCE = 45 V; TC = 125°C
ICEXmax. 2.0
– mA
VEB(off) = 1.5 V; VCE = 60 V; TC = 125°C
ICEXmax. –
2.0 – mA
VEB(off) = 1.5 V; VCE = 80 V; TC = 125°C
ICEXmax. –
2.0
mA
IE = 0; VCB = 45 V
ICBO
max. 0.1
mA
IE = 0; VCB = 60 V
ICBO
max. –
0.1
mA
IE = 0; VCB = 80 V
ICBO
max. –
0.1 mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
1.0
mA
Breakdown voltages
IC = 100 mA; IB = 0
VCEO(sus)*
min. 45
60
80 V
IC = 1 mA; IE = 0
VCBO
min. 45
60
80 V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltages
IC = 1.5 A; IB = 0.15 A
VCEsat*
max.
0.6
V
IC = 4 A; IB = 1.0 A
VCEsat*
max.
1.4
V
Base-emitter on voltage
IC = 1.5 A; VCE = 2 V
VBE(on)*
max.
1.2
V
D.C. current gain
IC = 1.5 A; VCE = 2 V
hFE*
min. 25
25
20
max.100 100
80
IC = 4 A; VCE = 2 V
hFE*
min. 10
10
7.0
Small signal current
IC = 0.1 A; VCE = 2 V; f = 1.0 KHz hfe
min.
25
Transition frequency at f = 1 MHz
IC = 1 A; VCE = 4 V
fT
min.
2.5
MHz
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
2N6121, 2N6122, 2N6123
2N6124, 2N6125, 2N6126
http://www.bocasemi.com
page: 2


Número de pieza similar - 2N6124

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N6124 MOSPEC-2N6124 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Central Semiconductor C...
2N6124 CENTRAL-2N6124 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N6124 ETC-2N6124 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N6124 SAVANTIC-2N6124 Datasheet
93Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N6124 ISC-2N6124 Datasheet
133Kb / 3P
   Silicon PNP Power Transistors
More results

Descripción similar - 2N6124

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com