Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSD-D0O042-001 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

No. de pieza KSD-D0O042-001
Descripción Electrónicos  300V, 20A ULTRAFAST DUAL RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSD-D0O042-001 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KSD-D0O042-001 Datasheet HTML 1Page - KODENSHI_AUK CORP. KSD-D0O042-001 Datasheet HTML 2Page - KODENSHI_AUK CORP. KSD-D0O042-001 Datasheet HTML 3Page - KODENSHI_AUK CORP. KSD-D0O042-001 Datasheet HTML 4Page - KODENSHI_AUK CORP. KSD-D0O042-001 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D0O042-001
2
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
300
V
Maximum average forward rectified current
per diode
IF(AV)
10
A
total device
20
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per 1 chip
IFSM
120
A
Storage temperature range
Tstg
-45 to +150
Maximum operating junction temperature
Tj
150
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance junction to case
per diode
Rth(j-c)
4.0
/W
total device
3.6
Electrical Characteristics (Per Diode)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak forward voltage drop
VFM
(1)
IFM = 10A
Tj=25℃
-
-
1.30
V
Tj=125℃
-
-
0.95
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=25℃
-
-
20
uA
Tj=125℃
-
-
500
Reverse recovery time
trr
IF = 1A, di/dt =-100 A/us
-
-
30
ns
Junction capacitance
Cj
VR = 10VDC, f=1MHz
-
65
-
pF
Note : (1) Pulse test : tP≤380us, Duty cycle≤2%
SF20A300HZ2


Número de pieza similar - KSD-D0O042-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
More results

Descripción similar - KSD-D0O042-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SF20D300D2 KODENSHI-SF20D300D2 Datasheet
253Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A300HZ2 KODENSHI-SF20A300HZ2 Datasheet
226Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A300HPI-1 KODENSHI-SF20A300HPI-1 Datasheet
295Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A300HPI KODENSHI-SF20A300HPI Datasheet
295Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF10A300HPR-1 KODENSHI-SF10A300HPR-1 Datasheet
289Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10D300D2 KODENSHI-SF10D300D2 Datasheet
256Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A300HPR KODENSHI-SF10A300HPR Datasheet
289Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A300HPI KODENSHI-SF10A300HPI Datasheet
301Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10D300D2-1 KODENSHI-SF10D300D2-1 Datasheet
256Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A300HPI KODENSHI-SF10A300HPI Datasheet
284Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com