Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC36190 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza MC36190
Descripción Electrónicos  Radial Leaded PTC Resettable Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MC36190 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MC36190 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC36190 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC36190 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.1
11/09/12
Radial Leaded
PTC Resettable Fuse
Lead Size : 24AWG
ø
0.51mm Diameter
Lead Size : 20AWG
ø
0.81mm Diameter
Dimensions
Part Number
A
Max.
B
Max.
C
Typical
D
Min.
E
Max.
F
Typical
Drawing Option
MC36184
7.4
12.7
5.1
7.6
3.1
1.1
Option 1
MC36185
MC36186
MC33171
MC33172
MC33173
13
MC36190
12.7
MC33174
7.6
13.5
MC33175
7.9
13.7
MC36193
9.7
14
MC33176
9.7
14.5
MC33177
10.4
15.2
MC33178
11.7
15.8
MC33179
13
18
1.4
Option 2
MC33180
14.5
19.6
MC33181
16.3
21.3
MC33182
17.8
22.9
MC33183
21.3
26.4
10.2
MC33184
24.9
30
MC33185
28.5
33.5
Dimensions : Millimetres
Thermal Derating Curve


Número de pieza similar - MC36190

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC36190 ETC1-MC36190 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
MC36190 ETC2-MC36190 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
More results

Descripción similar - MC36190

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RFE international
FRVL RFE-FRVL Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
logo
List of Unclassifed Man...
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRHV RFE-FRHV Datasheet
290Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/07
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/23
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FUSB RFE-FUSB Datasheet
260Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/29
FRU RFE-FRU Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
FHT RFE-FHT Datasheet
326Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRT RFE-FRT Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
FRV RFE-FRV Datasheet
263Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/25
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com