Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD17483F4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD17483F4
Descripción Electrónicos  CSD17483F4, 30 V N-Channel FemtoFET MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17483F4 Datasheet(HTML) 4 Page - Texas Instruments

  CSD17483F4 Datasheet HTML 1Page - Texas Instruments CSD17483F4 Datasheet HTML 2Page - Texas Instruments CSD17483F4 Datasheet HTML 3Page - Texas Instruments CSD17483F4 Datasheet HTML 4Page - Texas Instruments CSD17483F4 Datasheet HTML 5Page - Texas Instruments CSD17483F4 Datasheet HTML 6Page - Texas Instruments CSD17483F4 Datasheet HTML 7Page - Texas Instruments CSD17483F4 Datasheet HTML 8Page - Texas Instruments CSD17483F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = 1.8V
VGS = 8V
ID =0.5A
G001
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250uA
G001
80
120
160
200
240
280
320
360
400
0
2
4
6
8
10
12
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 0.5A
TC = 125ºC Id = 0.5A
G001
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Qg - Gate Charge (nC)
ID = 0.5A
VDS =15V
G001
1
10
100
1000
0
3
6
9
12
15
18
21
24
27
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
CSD17483F4
SLPS447B – JULY 2013 – REVISED FEBRUARY 2014
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD17483F4


Número de pieza similar - CSD17483F4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17483F4R TI-CSD17483F4R Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17483F4T TI1-CSD17483F4T Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
More results

Descripción similar - CSD17483F4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
[Old version datasheet]   30-V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com