Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD17483F4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD17483F4
Descripción Electrónicos  CSD17483F4, 30 V N-Channel FemtoFET MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17483F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17483F4 Datasheet HTML 1Page - Texas Instruments CSD17483F4 Datasheet HTML 2Page - Texas Instruments CSD17483F4 Datasheet HTML 3Page - Texas Instruments CSD17483F4 Datasheet HTML 4Page - Texas Instruments CSD17483F4 Datasheet HTML 5Page - Texas Instruments CSD17483F4 Datasheet HTML 6Page - Texas Instruments CSD17483F4 Datasheet HTML 7Page - Texas Instruments CSD17483F4 Datasheet HTML 8Page - Texas Instruments CSD17483F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D
G
S
0.35
mm
CSD17483F4
SLPS447B – JULY 2013 – REVISED FEBRUARY 2014
CSD17483F4, 30 V N-Channel FemtoFET™ MOSFET
Product Summary
1 Features
VDS
Drain-to-Source Voltage
30
V
1
Low On Resistance
Qg
Gate Charge Total (4.5 V)
1010
pC
Low Qg and Qgd
Qgd
Gate Charge Gate to Drain
130
pC
Low Threshold Voltage
VGS = 1.8 V
370
Ultra-Small Footprint (0402 Case Size)
RDS(on)
Drain-to-Source On Resistance
VGS = 2.5 V
240
m
VGS = 4.5 V
200
1.0 mm x 0.6 mm
VGS(th)
Threshold Voltage
0.85
V
Ultra-Low Profile
0.35 mm Height
Ordering Information
Integrated ESD Protection Diode
Device
Qty
Media
Package
Ship
Rated > 4 kV HBM
7-Inch
CSD17483F4
3000
Reel
Femto(0402) 1.0 mm x
Tape and
Rated > 2 kV CDM
0.6 mm SMD Lead Less
Reel
7-Inch
CSD17483F4T
250
Lead and Halogen Free
Reel
RoHS Compliant
Absolute Maximum Ratings
2 Applications
TA = 25°C unless otherwise stated
VALUE
UNIT
VDS
Drain-to-Source Voltage
30
V
Optimized for Load Switch Applications
VGS
Gate-to-Source Voltage
12
V
Optimized for General Purpose Switching
ID
Continuous Drain Current, TA = 25°C
(1)
1.5
A
Applications
IDM
Pulsed Drain Current, TA = 25°C
(2)
5
A
Single-Cell Battery Applications
Continuous Gate Clamp Current
35
IG
mA
Handheld and Mobile Applications
Pulsed Gate Clamp Current(2)
350
PD
Power Dissipation(1)
500
mW
3 Description
Human Body Model (HBM)
4
kV
ESD
The FemtoFET™ MOSFET technology has been
Rating Charged Device Model (CDM)
2
kV
designed and optimized to minimize the footprint in
TJ,
Operating Junction and
–55 to 150
°C
many
handheld
and
mobile
applications.
This
TSTG
Storage Temperature Range
technology is capable of replacing standard small
Avalanche Energy, single pulse ID = 7.4 A,
EAS
2.7
mJ
signal MOSFETs while providing at least a 60%
L = 0.1 mH, RG = 25 Ω
reduction in footprint size.
(1) Typical RθJA = 90°C/W on 1-inch
2 (6.45-cm2), 2-oz. (0.071-
mm thick) Cu pad on a 0.06-inch (1.52-mm) thick FR4 PCB.
.
(2) Pulse duration
≤ 300 μs, duty cycle ≤ 2%
Typical Part Dimensions
Top View
.
.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - CSD17483F4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17483F4R TI-CSD17483F4R Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17483F4T TI1-CSD17483F4T Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
More results

Descripción similar - CSD17483F4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
[Old version datasheet]   30-V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com