Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD17483F4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD17483F4
Descripción Electrónicos  CSD17483F4, 30 V N-Channel FemtoFET MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17483F4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD17483F4 Datasheet HTML 4Page - Texas Instruments CSD17483F4 Datasheet HTML 5Page - Texas Instruments CSD17483F4 Datasheet HTML 6Page - Texas Instruments CSD17483F4 Datasheet HTML 7Page - Texas Instruments CSD17483F4 Datasheet HTML 8Page - Texas Instruments CSD17483F4 Datasheet HTML 9Page - Texas Instruments CSD17483F4 Datasheet HTML 10Page - Texas Instruments CSD17483F4 Datasheet HTML 11Page - Texas Instruments CSD17483F4 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
28-Jan-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CSD17483F4
ACTIVE
PICOSTAR
YJC
3
3000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-250C-UNLIM
-55 to 150
DP
CSD17483F4R
PREVIEW
PICOSTAR
YJC
3
18000
TBD
Call TI
Call TI
-55 to 150
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Número de pieza similar - CSD17483F4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17483F4R TI-CSD17483F4R Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17483F4T TI1-CSD17483F4T Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
More results

Descripción similar - CSD17483F4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
[Old version datasheet]   30-V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com