Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4467EOE Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC4467EOE
Descripción Electrónicos  Logic-Input CMOS Quad Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467EOE Datasheet(HTML) 4 Page - Microchip Technology

  TC4467EOE Datasheet HTML 1Page - Microchip Technology TC4467EOE Datasheet HTML 2Page - Microchip Technology TC4467EOE Datasheet HTML 3Page - Microchip Technology TC4467EOE Datasheet HTML 4Page - Microchip Technology TC4467EOE Datasheet HTML 5Page - Microchip Technology TC4467EOE Datasheet HTML 6Page - Microchip Technology TC4467EOE Datasheet HTML 7Page - Microchip Technology TC4467EOE Datasheet HTML 8Page - Microchip Technology TC4467EOE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC4467/TC4468/TC4469
DS21425B-page 4
 2002 Microchip Technology Inc.
ELECTRICAL SPECIFICATIONS (OPERATING TEMPERATURES)
TRUTH TABLE
Electrical Characteristics: Unless otherwise noted, over operating temperature range with 4.5 V
≤ VDD ≤ 18 V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic 1, High Input Voltage
VIH
2.4
V
Note 3
Logic 0, Low Input Voltage
VIL
——
0.8
V
Note 3
Input Current
IIN
-10
10
µA
0 V
≤ VIN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
V
ILOAD = 100 µA (Note 1)
Low Output Voltage
VOL
0.30
V
ILOAD = 10 mA (Note 1)
Output Resistance
RO
—20
30
IOUT = 10 mA, VDD = 18 V
Peak Output Current
IPK
—1.2
A
Continuous Output Current
IDC
300
mA
Single Output
500
Total Package
Latch-Up Protection Withstand
Reverse Current
I—
500
mA
4.5 V
≤ VDD ≤ 16 V
Switching Time (Note 1)
Rise Time
tR
15
50
nsec
Figure 4-1
Fall Time
tF
15
50
nsec
Figure 4-1
Delay Time
tD1
40
100
nsec
Figure 4-1
Delay Time
tD2
40
100
nsec
Figure 4-1
Power Supply
Power Supply Current
IS
——
8
mA
Power Supply Voltage
VDD
4.5
18
V
Note 2
Note
1:
Totem pole outputs should not be paralleled because the propagation delay differences from one to the other could cause one driver to
drive high a few nanoseconds before another. The resulting current spike, although short, may decrease the life of the device. Switching
times are ensured by design.
2:
When driving all four outputs simultaneously in the same direction, VDD will be limited to 16 V. This reduces the chance that internal dv/dt
will cause high-power dissipation in the device.
3:
The input threshold has approximately 50 mV of hysteresis centered at approximately 1.5 V. Input rise times should be kept below 5 µsec
to avoid high internal peak currents during input transitions. Static input levels should also be maintained above the maximum, or below
the minimum, input levels specified in the "Electrical Characteristics" to avoid increased power dissipation in the device.
Part No.
TC4467 NAND
TC4468 AND
TC4469 AND/INV
Inputs A
H
H
L
L
H
H
L
L
H
H
L
L
Inputs B
H
LH
LH
LHL
H
LH
L
Outputs TC446X
L
H
H
H
H
L
L
L
L
H
L
L
Legend: H = High L = Low


Número de pieza similar - TC4467EOE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC4467EJD TELCOM-TC4467EJD Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
More results

Descripción similar - TC4467EOE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
   Logic-Input CMOS Quad Drivers
2002
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
   Logic-Input CMOS Quad Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC4467 TELCOM-TC4467 Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
logo
Microchip Technology
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com