Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC574AJH Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADC574AJH
Descripción Electrónicos  Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC574AJH Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADC574AJH Datasheet HTML 1Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 2Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 3Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 4Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 5Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 6Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 7Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 8Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
®
ADC574A
SPECIFICATIONS (CONT)
ELECTRICAL
At TA = +25°C, VCC = +12V or +15V, VEE = –12V or –15V, and VLOGIC = +5V unless otherwise specified.
ADC574AJP, JH, SH
ADC574AKP, KH, TH
PARAMETERS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
* Same specifications as ADC574AJP, AJH, ASH.
NOTES: (1) With fixed 50
Ω resistor from REF OUT to REF IN. This parameter is also adjustable to zero at ±25°C (see Optional External Full Scale and Offset
Adjustments section). (2) FS in this specification table means Full Scale Range. That is, for a
±10V input range, FS means 20V; for a 0 to +10V range, FS means
10V. The term Full Scale for these specifications instead of Full-Scale Range is used to be consistent with other vendors' 574 and 574A type specifications tables.
(3) Using internal reference. (4) See Controlling the ADC574A section for detailed information concerning digital timing. (5) External loading must be constant during
conversion. The reference output requires no buffer amplifier with either
±12V or ±15V power supplies.
PIN CONFIGURATION
+5VDC Supply (V
)
12/8
CS
A
R/C
CE
+V
Ref Out
Analog Common
Ref In
V
Bipolar Offset
10V Range
20V Range
Status
DB11 (MSB)
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
Digital Common
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LOGIC
CC
EE
5k
10k
10V
Reference
12-Bit
D/A
Converter
Control
Logic
Power-up Reset
Clock
12 Bits
Comparator
12 Bits
O
5k
INTERNAL REFERENCE VOLTAGE
Voltage
+9.9
+10.0
+10.1
*
*
*
V
Source Current Available for External Loads(5)
2.0
*
mA
POWER SUPPLY REQUIREMENTS
Voltage: VCC
+11.4
+16.5
*
*
V
VEE
–11.4
–16.5
*
*
V
VLOGIC
+4.5
+5.5
*
*
V
Current: ICC
3.5
5
*
*
mA
IEE
15
20
*
*
mA
ILOGIC
915
*
*
mA
Power Dissipation (
±15V Supplies)
325
450
*
*
mW
TEMPERATURE RANGE (Ambient: TMIN , TMAX )
Specifications: J, K Grades
0
+75
*
*
°C
S, T Grades
–55
+125
*
*
°C
Storage
–65
+150
*
*
°C


Número de pieza similar - ADC574AJH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
ADC541 APITECH-ADC541 Datasheet
1Mb / 2P
   8-Bit, Wide Temperature
More results

Descripción similar - ADC574AJH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com