Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS1210 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1210 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS1210 Datasheet HTML 3Page - Burr-Brown (TI) ADS1210 Datasheet HTML 4Page - Burr-Brown (TI) ADS1210 Datasheet HTML 5Page - Burr-Brown (TI) ADS1210 Datasheet HTML 6Page - Burr-Brown (TI) ADS1210 Datasheet HTML 7Page - Burr-Brown (TI) ADS1210 Datasheet HTML 8Page - Burr-Brown (TI) ADS1210 Datasheet HTML 9Page - Burr-Brown (TI) ADS1210 Datasheet HTML 10Page - Burr-Brown (TI) ADS1210 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
®
7
ADS1210, 1211
TYPICAL PERFORMANCE CURVES
At TA = +25°C, AVDD = DVDD = +5V, fXIN = 10MHz, programmable gain amplifier setting of 1, Turbo Mode Rate of one, REFOUT disabled, VBIAS disabled, and external
2.5V reference, unless otherwise noted.
RMS NOISE vs INPUT VOLTAGE LEVEL
(60Hz Data Rate)
Analog Input Differential Voltage (V)
–5.0 –4.0 –3.0 –2.0 –1.0
0
1.0
2.0
3.0
4.0
5.0
2.5
2.0
1.5
1.0
0.5
24
22
20
18
16
14
12
EFFECTIVE RESOLUTION vs DATA RATE
(2.5MHz Clock)
Data Rate (Hz)
1
10
100
1k
Turbo 1
Turbo 2
Turbo 4
Turbo 8
Turbo 16
24
22
20
18
16
14
12
EFFECTIVE RESOLUTION vs DATA RATE
(5MHz Clock)
Data Rate (Hz)
10
100
1k
Turbo 1
Turbo 2
Turbo 4
Turbo 8
Turbo 16
EFFECTIVE RESOLUTION vs DATA RATE
(10MHz Clock)
Data Rate (Hz)
10
100
1k
Turbo 1
Turbo 2
Turbo 4
Turbo 8
Turbo 16
24
22
20
18
16
14
12
EFFECTIVE RESOLUTION vs DATA RATE
Data Rate (Hz)
10
100
1k
PGA 1
24
22
20
18
16
14
12
10
PGA 2
PGA 4
PGA 16
PGA 8
24
22
20
18
16
14
12
EFFECTIVE RESOLUTION vs DATA RATE
(1MHz Clock)
Data Rate (Hz)
1
10
100
1k
Turbo 1
Turbo 2
Turbo 4
Turbo 8
Turbo 16


Número de pieza similar - ADS1210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Texas Instruments
Texas Instruments
ADS1210 TI1-ADS1210 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210P TI1-ADS1210P Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210PG4 TI1-ADS1210PG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U TI1-ADS1210U Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWTG4 TI1-ADS1242IPWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz