Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC574ATH Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADC574ATH
Descripción Electrónicos  Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC574ATH Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADC574ATH Datasheet HTML 1Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 2Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 3Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 4Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 5Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 6Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 7Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 8Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
ADC574A
FPO
Microprocessor-Compatible
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q COMPLETE 12-BIT A/D CONVERTER WITH
REFERENCE, CLOCK, AND 8-, 12-, or 16-
BIT MICROPROCESSOR BUS INTERFACE
q IMPROVED PERFORMANCE SECOND
SOURCE FOR 574A-TYPE A/D
CONVERTERS
Conversion Time: 25
µs max
Bus Access Time: 150ns max
AO Input: Bus Contention During Read
Operation Eliminated
q DUAL IN-LINE PLASTIC, PLCC AND
HERMETIC CERAMIC
q FULLY SPECIFIED FOR OPERATION ON
±12V OR ±15V SUPPLIES
q NO MISSING CODES OVER
TEMPERATURE:
0
°C to +75°C: ADC574AJ and K Grades
–55
°C to +125°C: ADC574ASH, TH
DESCRIPTION
The ADC574A is a 12-bit successive approximation
analog-to-digital converter, utilizing state-of-the-art
CMOS and laser-trimmed bipolar die custom-designed
for freedom from latch-up and for optimum AC per-
formance. It is complete with a self-contained +10V
reference, internal clock, digital interface for micropro-
cessor control, and three-state outputs.
The reference circuit, containing a buried zener, is laser-
trimmed for minimum temperature coefficient. The
clock oscillator is current-controlled for excellent sta-
bility over temperature. Full-scale and offset errors may
be externally trimmed to zero. Internal scaling resistors
are provided for the selection of analog input signal
ranges of 0V to +10V, 0V to +20V,
±5V, and ±10V.
The converter may be externally programmed to pro-
vide 8- or 12-bit resolution. The conversion time for 12
bits is factory set for 25
µs maximum.
Output data are available in a parallel format from TTL-
compatible three-state output buffers. Output data are
coded in straight binary for unipolar input signals and
bipolar offset binary for bipolar input signals.
The ADC574A, available in both industrial and military
temperature ranges, requires supply voltages of +5V
and
±12V or ±15V. It is packaged in a 28-pin plastic
DIP, and a hermetic side-brazed ceramic DIP.
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
Control Logic
Comparator
12-Bit D/A
Converter
10V
Control
Inputs
Bipolar
Offset
20V Range
10V Range
Reference
Input
Reference
Output
Status
Parallel
Data
Output
Clock
Reference
© 1984 Burr-Brown Corporation
PDS-550G
Printed in U.S.A., August, 1993


Número de pieza similar - ADC574ATH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
ADC541 APITECH-ADC541 Datasheet
1Mb / 2P
   8-Bit, Wide Temperature
More results

Descripción similar - ADC574ATH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com