Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7813UB Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS7813UB
Descripción Electrónicos  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7813UB Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7813UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 9Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 10Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
®
ADS7813
BASIC OPERATION
INTERNAL DATACLK
Figure 1a shows a basic circuit to operate the ADS7813 with
a
±10V input range. To begin a conversion and serial
transmission of the results from the previous conversion, a
falling edge must be provided to the CONV input. BUSY
will go LOW indicating that a conversion has started and
will stay LOW until the conversion is complete. During the
conversion, the results of the previous conversion will be
transmitted via DATA while DATACLK provides the syn-
chronous clock for the serial data. The data format is 16-bit,
Binary Two’s Complement, and MSB first. Each data bit is
valid on both the rising and falling edge of DATACLK.
BUSY is LOW during the entire serial transmission and can
be used as a frame synchronization signal.
EXTERNAL DATACLK
Figure 1b shows a basic circuit to operate the ADS7813 with
a
±10V input range. To begin a conversion, a falling edge
must be provided to the CONV input. BUSY will go LOW
indicating that a conversion has started and will stay LOW
until the conversion is complete. Just prior to BUSY rising
near the end of the conversion, the internal working register
holding the conversion result will be transferred to the
internal shift register.
The internal shift register is clocked via the DATACLK
input. The recommended method of reading the conversion
result is to provide the serial clock after the conversion has
completed. See External DATACLK under the Reading
Data section of this data sheet for more information.
1
2
3
4
5
6
7
8
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
16
15
14
13
12
11
10
9
ADS7813
±10V
+5V
C
3
1µF
C
4
0.01µF
C
1
0.1µF
C
2
10µF
C
5
1µF
+
+
Convert Pulse
40ns min
+
Frame Sync (optional)
FIGURE 1a. Basic Operation,
±10V Input Range, Internal DATACLK.
FIGURE 1b. Basic Operation,
±10V Input Range, External DATACLK.
1
2
3
4
5
6
7
8
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
16
15
14
13
12
11
10
9
ADS7813
±10V
NOTE: (1) Tie CS to GND if the outputs will always be active.
+5V
+5V
C
1
0.1µF
C
2
10µF
C
5
1µF
+
Convert Pulse
40ns min
+
Interrupt (optional)
External Clock
Chip Select (optional(1))
C
3
1µF
C
4
0.01µF
+


Número de pieza similar - ADS7813UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7813UB TI1-ADS7813UB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813UBE4 TI1-ADS7813UBE4 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813UBG4 TI1-ADS7813UBG4 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7813UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com