Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7820UB Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS7820UB
Descripción Electrónicos  12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7820UB Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7820UB Datasheet HTML 1Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
ADS7820
5
ADS7820 AT +25°C
0.2
+0.1
0
–0.1
–0.2
0
512
1024
1536
2048
2560
3072
3584
4096
Decimal Code
Min/Max DNL Errors
–0.073 at 00512
0.087 at 02047
TYPICAL PERFORMANCE CURVES
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference, unless otherwise specified.
INTERNAL REFERENCE VOLTAGE vs TEMPERATURE
2.52
2.515
2.51
2.505
2.5
2.495
2.49
2.485
2.48
–40
–15
10
35
60
85
Temperature (°C)
CONVERSION TIME vs TEMPERATURE
6.2
6.1
6
5.9
5.8
5.7
5.6
5.5
5.4
–40
–15
10
35
60
85
Temperature (°C)
ADS7820 AT +25°C
0.2
+0.1
0
–0.1
–0.2
0
512
1024
1536
2048
2560
3072
3584
4096
Decimal Code
Min/Max INL Errors
–0.051 at 03962
0.086 at 02048


Número de pieza similar - ADS7820UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7820UB TI1-ADS7820UB Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7820UB/1K TI1-ADS7820UB/1K Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Descripción similar - ADS7820UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com