Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7841E Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS7841E
Descripción Electrónicos  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7841E Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS7841E Datasheet HTML 1Page - Burr-Brown (TI) ADS7841E Datasheet HTML 2Page - Burr-Brown (TI) ADS7841E Datasheet HTML 3Page - Burr-Brown (TI) ADS7841E Datasheet HTML 4Page - Burr-Brown (TI) ADS7841E Datasheet HTML 5Page - Burr-Brown (TI) ADS7841E Datasheet HTML 6Page - Burr-Brown (TI) ADS7841E Datasheet HTML 7Page - Burr-Brown (TI) ADS7841E Datasheet HTML 8Page - Burr-Brown (TI) ADS7841E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
®
3
ADS7841
SPECIFICATION: +2.7V
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
ADS7841E, P
ADS7841EB, PB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span
Positive Input - Negative Input
0
VREF
TT
V
Absolute Input Range
Positive Input
–0.2
+VCC +0.2
TT
V
Negative Input
–0.2
+0.2
TT
V
Capacitance
25
T
pF
Leakage Current
±1
T
µA
SYSTEM PERFORMANCE
Resolution
12
T
Bits
No Missing Codes
12
12
Bits
Integral Linearity Error
±2
±1
LSB(1)
Differential Linearity Error
±0.8
±0.5
±1
LSB
Offset Error
±3
T
LSB
Offset Error Match
0.15
1.0
TT
LSB
Gain Error
±4
±3
LSB
Gain Error Match
0.1
1.0
TT
LSB
Noise
30
T
µVrms
Power Supply Rejection
70
T
dB
SAMPLING DYNAMICS
Conversion Time
12
T
Clk Cycles
Acquisition Time
3
T
Clk Cycles
Throughput Rate
125
T
kHz
Multiplexer Settling Time
500
T
ns
Aperture Delay
30
T
ns
Aperture Jitter
100
T
ps
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion(2)
VIN = 2.5Vp-p at 10kHz
–77
–72
–79
–76
dB
Signal-to-(Noise + Distortion)
VIN = 2.5Vp-p at 10kHz
68
71
70
72
dB
Spurious Free Dynamic Range
VIN = 2.5Vp-p at 10kHz
72
78
76
80
dB
Channel-to-Channel Isolation
VIN = 2.5Vp-p at 50kHz
100
T
dB
REFERENCE INPUT
Range
0.1
+VCC
TT
V
Resistance
DCLK Static
5
T
G
Input Current
13
40
TT
µA
fSAMPLE = 12.5kHz
2.5
T
µA
DCLK Static
0.001
3
TT
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels
VIH
| IIH | ≤ +5µA+VCC • 0.7
5.5
TT
V
VIL
| IIL | ≤ +5µA
–0.3
+0.8
TT
V
VOH
IOH = –250µA+VCC • 0.8
T
V
VOL
IOL = 250µA
0.4
T
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
+VCC
Specified Performance
2.7
3.6
TT
V
Quiescent Current
280
650
TT
µA
fSAMPLE = 12.5kHz
220
T
µA
Power-Down Mode(3), CS = +VCC
3
T
µA
Power Dissipation
1.8
T
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Same specifications as ADS7841E, P.
NOTE: (1) LSB means Least Significant Bit. With VREF equal to +2.5V, one LSB is 610mV. (2) First five harmonics of the test frequency. (3) Auto power-down mode
(PD1 = PD0 = 0) active or SHDN = GND.


Número de pieza similar - ADS7841E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7841E TI-ADS7841E Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841E TI1-ADS7841E Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841E/2K5 TI1-ADS7841E/2K5 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841E/2K5G4 TI1-ADS7841E/2K5G4 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841E2K5 TI-ADS7841E2K5 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7841E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
[Old version datasheet]   12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com