Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7846IRGVR Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS7846IRGVR
Descripción Electrónicos  TOUCH-SCREEN CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7846IRGVR Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS7846IRGVR Datasheet HTML 6Page - Burr-Brown (TI) ADS7846IRGVR Datasheet HTML 7Page - Burr-Brown (TI) ADS7846IRGVR Datasheet HTML 8Page - Burr-Brown (TI) ADS7846IRGVR Datasheet HTML 9Page - Burr-Brown (TI) ADS7846IRGVR Datasheet HTML 10Page - Burr-Brown (TI) ADS7846IRGVR Datasheet HTML 11Page - Burr-Brown (TI) ADS7846IRGVR Datasheet HTML 12Page - Burr-Brown (TI) ADS7846IRGVR Datasheet HTML 13Page - Burr-Brown (TI) ADS7846IRGVR Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADS7846
10
SBAS125H
www.ti.com
voltage, more care must be taken to provide a clean layout
including adequate bypassing, a clean (low-noise, low-ripple)
power supply, a low-noise reference (if an external reference
is used), and a low-noise input signal.
The voltage into the VREF input directly drives the capacitor
digital-to-analog converter (CDAC) portion of the ADS7846.
Therefore, the input current is very low (typically < 13
µA).
There is also a critical item regarding the reference when
making measurements where the switch drivers are on. For
this discussion, it is useful to consider the basic operation of
the ADS7846 (see Figure 1). This particular application
shows the device being used to digitize a resistive touch
screen. A measurement of the current Y position of the
pointing device is made by connecting the X+ input to the
ADC, turning on the Y+ and Y– drivers, and digitizing the
voltage on X+ (Figure 4 shows a block diagram). For this
measurement, the resistance in the X+ lead does not affect
the conversion (it does affect the settling time, but the
resistance is usually small enough that this is not a concern).
However, since the resistance between Y+ and Y– is fairly
low, the on-resistance of the Y drivers does make a small
difference. Under the situation outlined so far, it is not
possible to achieve a 0V input or a full-scale input regardless
of where the pointing device is on the touch screen, because
some voltage is lost across the internal switches. In addition,
the internal switch resistance is unlikely to track the resis-
tance of the touch screen, providing an additional source of error.
FIGURE 4. Simplified Diagram of Single-Ended Reference
(SER/DFR High, Y Switches Enabled, X+ is
Analog Input).
This situation can be remedied as shown in Figure 5. By
setting the SER/DFR bit low, the +REF and –REF inputs are
connected directly to Y+ and Y–, respectively, which makes
the analog-to-digital conversion ratiometric. The result of the
conversion is always a percentage of the external resistance,
regardless of how it changes in relation to the on-resistance of
the internal switches. Note that there is an important consid-
eration regarding power dissipation when using the ratiometric
mode of operation (see the Power Dissipation section for
more details).
FIGURE 5. Simplified Diagram of Differential Reference
(SER/DFR Low, Y Switches Enabled, X+ is
Analog Input).
Converter
+IN
+REF
Y+
+V
CC
X+
Y–
GND
–REF
–IN
As a final note about the differential reference mode, it must
be used with +VCC as the source of the +REF voltage and
cannot be used with VREF. It is possible to use a high
precision reference on VREF and single-ended reference
mode for measurements which do not need to be ratiometric.
In some cases, it is possible to power the converter directly
from a precision reference. Most references can provide
enough power for the ADS7846, but might not be able to
supply enough current for the external load (such as a
resistive touch screen).
TOUCH SCREEN SETTLING
In some applications, external capacitors may be required
across the touch screen for filtering noise picked up by the
touch screen (for example, noise generated by the LCD panel
or backlight circuitry). These capacitors provide a low-pass
filter to reduce the noise, but cause a settling time requirement
when the panel is touched that typically shows up as a gain
error. The problem is that the input and/or reference has not
settled to the final steady-state value prior to the ADC sam-
pling the input(s) and providing the digital output. Additionally,
the reference voltage may still be changing during the mea-
surement cycle. There are several methods for minimizing or
eliminating this issue. Option 1 is to stop or slow down the
ADS7846 DCLK for the required touch screen settling time.
This allows the input and reference to have stable values for
the Acquire period (3 clock cycles of the ADS7846; see Figure
9). This works for both the single-ended and the differential
modes. Option 2 is to operate the ADS7846 in the differential
mode only for the touch screen measurements and command
the ADS7846 to remain on (touch screen drivers on) and not
go into power-down (PD0 = 1). Several conversions are made
depending on the settling time required and the ADS7846 data
rate. Once the required number of conversions have been
made, the processor commands the ADS7846 to go into the
power-down state on the last measurement. This process is
Converter
+IN
+REF
Y+
+V
CC
V
REF
X+
Y–
GND
–REF
–IN


Número de pieza similar - ADS7846IRGVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7846IRGVR TI1-ADS7846IRGVR Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846IRGVR BURR-BROWN-ADS7846IRGVR Datasheet
1Mb / 30P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7846IRGVR TI-ADS7846IRGVR Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI-ADS7846IRGVRG4 Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Descripción similar - ADS7846IRGVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com