Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS804U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS804U
Descripción Electrónicos  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS804U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS804U Datasheet HTML 1Page - Burr-Brown (TI) ADS804U Datasheet HTML 2Page - Burr-Brown (TI) ADS804U Datasheet HTML 3Page - Burr-Brown (TI) ADS804U Datasheet HTML 4Page - Burr-Brown (TI) ADS804U Datasheet HTML 5Page - Burr-Brown (TI) ADS804U Datasheet HTML 6Page - Burr-Brown (TI) ADS804U Datasheet HTML 7Page - Burr-Brown (TI) ADS804U Datasheet HTML 8Page - Burr-Brown (TI) ADS804U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
ADS804
SPECTRAL PERFORMANCE
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
0
–20
–40
–60
–80
–100
–120
f
IN = 4.8MHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
0
–20
–40
–60
–80
–100
–120
f
IN = 500kHz
INTEGRAL LINEARITY ERROR
Output Code
0
1024
2048
3072
4096
4.0
2.0
0
–2.0
–4.0
f
IN = 500kHz
TYPICAL PERFORMANCE CURVES
At TA = full specified temperature range, VS = +5V, specified single-ended input range = 1.5V to 3.5V, sampling rate = 10MHz, unless otherwise specified.
DIFFERENTIAL LINEARITY ERROR
Output Code
0
1024
2048
3072
4096
1.0
0.5
0
–0.5
–1.0
f
IN = 4.8MHz
100
80
60
40
20
0
SWEPT POWER SFDR
–60
–50
–40
–30
–20
–10
0
Input Amplitude (dBFS)
f
IN = 4.8MHz
dBFS
dBc
0
–20
–40
–60
–80
–100
–120
TWO-TONE INTERMODULATION
Frequency (MHz)
0
1.25
2.5
3.75
5.0
f
1 = 3.5MHz at –7dB
f
2 = 4MHz at –7dB
IMD (3) = –76dBc


Número de pieza similar - ADS804U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS804U TI1-ADS804U Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804U TI1-ADS804U Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804U/1K TI1-ADS804U/1K Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804U1K TI1-ADS804U1K Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS804U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com