Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS805U Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS805U
Descripción Electrónicos  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS805U Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS805U Datasheet HTML 4Page - Burr-Brown (TI) ADS805U Datasheet HTML 5Page - Burr-Brown (TI) ADS805U Datasheet HTML 6Page - Burr-Brown (TI) ADS805U Datasheet HTML 7Page - Burr-Brown (TI) ADS805U Datasheet HTML 8Page - Burr-Brown (TI) ADS805U Datasheet HTML 9Page - Burr-Brown (TI) ADS805U Datasheet HTML 10Page - Burr-Brown (TI) ADS805U Datasheet HTML 11Page - Burr-Brown (TI) ADS805U Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
ADS805
FIGURE 5. Recommended Reference Bypassing Scheme.
FIGURE 6. Alternative Circuit to Generate Common-Mode
Voltage.
FIGURE 4. Equivalent Reference Circuit.
A simple model of the internal reference circuit is shown in
Figure 4. The internal blocks are a 1V-bandgap voltage
reference, buffer, the resistive reference ladder and the
drivers for the top and bottom reference which supply the
necessary current to the internal nodes. As shown, the output
of the buffer appears at the VREF pin. The full-scale input
span of the ADS805 is determined by the voltage at VREF,
according to the Equation 1:
Full-Scale Input Span = 2 x VREF
(1)
Note that the current drive capability of this amplifier is
limited to approximately 1mA and should not be used to
drive low loads. The programmable reference circuit is
controlled by the voltage applied to the select pin (SEL).
Refer to Table I for an overview.
The top reference (REFT) and the bottom reference (REFB)
are brought out mainly for external bypassing. For proper
operation with all reference configurations, it is necessary to
provide solid bypassing to the reference pins in order to keep
the clock feedthrough to a minimum. Figure 5 shows the
recommended decoupling network.
In addition, the common-mode voltage (CMV) may be used
as a reference level to provide the appropriate offset for the
driving circuitry. However, care must be taken not to appre-
ciably load this node, which is not buffered and has a high
impedance. An alternate method of generating a common-
mode voltage is given in Figure 6. Here, two external
precision resistors (tolerance 1% or better) are located be-
tween the top and bottom reference pins. The common-
mode level will appear at the midpoint. The output buffers
of the top and bottom reference are designed to supply
approximately 2mA of output current.
IN
IN
REFT
R
1
CMV
R
2
0.1µF
0.1µF
ADS805
REFB
800
800
REFB
CM
Reference
Driver
Bandgap
and Logic
REFT
V
REF
SEL
1V
DC
ADS805
Resistor Network
and Switches
Disable
Switch
to A/D
to A/D
ADS805
CM
REFB
0.1
µF
0.1
µF
V
REF
0.1
µF
10
µF
+
0.1
µF
REFT
0.1
µF
10
µF
+


Número de pieza similar - ADS805U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS805U TI1-ADS805U Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805U TI1-ADS805U Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805U/1K TI1-ADS805U/1K Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805U1K TI1-ADS805U1K Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS805U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com