Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS824 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS824
Descripción Electrónicos  10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS824 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS824 Datasheet HTML 4Page - Burr-Brown (TI) ADS824 Datasheet HTML 5Page - Burr-Brown (TI) ADS824 Datasheet HTML 6Page - Burr-Brown (TI) ADS824 Datasheet HTML 7Page - Burr-Brown (TI) ADS824 Datasheet HTML 8Page - Burr-Brown (TI) ADS824 Datasheet HTML 9Page - Burr-Brown (TI) ADS824 Datasheet HTML 10Page - Burr-Brown (TI) ADS824 Datasheet HTML 11Page - Burr-Brown (TI) ADS824 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
®
ADS824
the resistive reference ladder. The bandgap reference circuit
includes logic functions that allows setting the analog input
swing of the ADS824 to either a 1Vp-p or 2Vp-p full-scale
range by simply tying the RSEL pin to a Low or High
potential, respectively. While operating the ADS824 in the
external reference mode, the buffer amplifiers for the REFT
and REFB are disconnected from the reference ladder.
As shown, the ADS824 has internal 50k
Ω pull-up resistors
at the range select pin (RSEL) and reference select pin
(INT/EXT). Leaving these pins open configures the ADS824
for a 2Vp-p input range and external reference operation.
Setting the ADS824 up for internal reference mode requires
to bringing the INT/EXT pin low.
The reference buffers can be utilized to supply up to 1mA
(sink and source) to external circuitry. The resistor ladder of
the ADS824 is divided into several segments and has two
additional nodes, ByT and ByB, which are brought out for
external bypassing only (Figure 6). To ensure proper opera-
tion with any reference configurations, it is necessary to
provide solid bypassing at all reference pins in order to keep
the clock feedthrough to a minimum. All bypassing capaci-
tors should be located as close to their respective pins as
possible.
The common-mode voltage available at the CM-pin may be
used as a bias voltage to provide the appropriate offset for
the driving circuitry. However, care must be taken not to
appreciably load this node, which is not buffered and has a
high impedance. An alternative way of generating a com-
mon-mode voltage is given in Figure 7. Here, two external
precision resistors (tolerance 1% or better) are located
between the top and bottom reference pins. The common-
mode voltage, CMV, will appear at the midpoint.
EXTERNAL REFERENCE OPERATION
For even more design flexibility, the internal reference can
be disabled and an external reference voltage be used. The
utilization of an external reference may be considered for
applications requiring higher accuracy, improved tempera-
ture performance, or a wide adjustment range of the
converter’s full-scale range. Especially in multichannel
applications, the use of a common external reference has the
benefit of obtaining better matching of the full-scale range
between converters.
The external references can vary as long as the value of the
external top reference REFTEXT stays within the range of
(VS – 1.25V) and (REFB + 0.8V), and the external bottom
reference REFBEXT stays within 1.25V and (REFT – 0.8V).
See Figure 8.
DIGITAL INPUTS AND OUTPUTS
Clock Input Requirements
Clock jitter is critical to the SNR performance of high speed,
high resolution A/D converters. Clock jitter leads to aperture
jitter (tA), which adds noise to the signal being converted. The
ADS824 samples the input signal on the rising edge of the
CLK input. Therefore, this edge should have the lowest
possible jitter. The jitter noise contribution to total SNR is
FIGURE 8. Configuration Example for External Reference Operation.
FIGURE 7. Alternative Circuit to Generate CM Voltage.
REFT
+3.5V
ADS824
CMV
+2.5V
REFB
+1.5V
R
1
1.0k
R
2
1.0k
0.1
µF
0.1
µF
ADS824
IN
IN
INT/EXT
REFT
ByT
GND
ByB
REFB
4 x 0.1µF || 2.2µF
External Top Reference
REFT = REFB +0.8V to +3.75V
+VS
BA
RSEL
GND
+5V
External Bottom Reference
REFB = REFT –0.8V to +1.25V
V
IN
A - Short for 1Vp-p Input Range
B - Short for 2Vp-p Input Range (Default)
CMV
+2.5V
DC


Número de pieza similar - ADS824

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS824 TI1-ADS824 Datasheet
271Kb / 13P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS824E TI1-ADS824E Datasheet
271Kb / 13P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS824E/1K TI1-ADS824E/1K Datasheet
271Kb / 13P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS824 TI1-ADS824_09 Datasheet
271Kb / 13P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS824

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS808 BURR-BROWN-ADS808 Datasheet
364Kb / 19P
   12-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com