Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS825E Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS825E
Descripción Electrónicos  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS825E Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS825E Datasheet HTML 4Page - Burr-Brown (TI) ADS825E Datasheet HTML 5Page - Burr-Brown (TI) ADS825E Datasheet HTML 6Page - Burr-Brown (TI) ADS825E Datasheet HTML 7Page - Burr-Brown (TI) ADS825E Datasheet HTML 8Page - Burr-Brown (TI) ADS825E Datasheet HTML 9Page - Burr-Brown (TI) ADS825E Datasheet HTML 10Page - Burr-Brown (TI) ADS825E Datasheet HTML 11Page - Burr-Brown (TI) ADS825E Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
®
ADS822, ADS825
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS822 and ADS825 are high-speed CMOS analog-to-
digital converters which employ a pipelined converter archi-
tecture consisting of 9 internal stages. Each stage feeds its
data into the digital error correction logic ensuring excellent
differential linearity and no missing codes at the 10-bit level.
The output data becomes valid on the rising clock edge (see
Timing Diagram). The pipeline architecture results in a data
latency of 5 clock cycles.
The analog inputs of the ADS822 and ADS825 are differen-
tial track-and-hold (see Figure 1). The differential topology,
along with tightly matched capacitors, produce a high level
of AC performance while sampling at very high rates.
The ADS822 and ADS825 allow their analog inputs to be
driven either single-ended or differentially. The typical con-
figuration for the ADS822 and ADS825 is the single-ended
mode in which the input track-and-hold performs a single-
ended-to-differential conversion of the analog input signal.
Both inputs (IN, IN) require external biasing using a com-
mon-mode voltage that is typically at the mid-supply level
(+VS/2).
The following application discussion focuses on the single-
ended configuration. Typically, its implementation is easier
to achieve and the rated specifications for the ADS822 and
ADS825 are characterized using the single-ended mode of
operation.
DRIVING THE ANALOG INPUT
The ADS822 and ADS825 achieve excellent AC performance
either in the single-ended or differential mode of operation.
FIGURE 1. Simplified Circuit of Input Track-and-Hold with
Timing Diagram.
The selection for the optimum interface configuration will
depend on the individual application requirements and sys-
tem structure. For example, communications applications
often process a band of frequencies that do not include DC,
whereas in imaging applications, the previously restored DC
level must be maintained correctly up to the A/D converter.
Features on the ADS822 and ADS825, such as the input
range select (RSEL pin) or the option for an external
reference, provide the needed flexibility to accommodate a
wide range of applications. In any case, the ADS822 and
ADS825 should be configured such that the application
objectives are met while observing the headroom require-
ments of the driving amplifier in order to yield the best
overall performance.
INPUT CONFIGURATIONS
AC-Coupled, Single-Supply Interface
Figure 2 shows the typical circuit for an AC-coupled analog
input configuration of the ADS822 and ADS825 while all
components are powered from a single +5V supply.
With the RSEL pin connected high, the full-scale input
range is set to 2Vp-p. In this configuration, the top and
bottom references (REFT, REFB) provide an output voltage
of +3.5V and +1.5V, respectively. Two resistors ( 2x 1.62k
Ω)
are used to create a common-mode voltage (VCM) of ap-
proximately +2.5V to bias the inputs of the driving amplifier
A1. Using the OPA680 on a single +5V supply, its ideal
common-mode point is at +2.5V which coincides with the
recommended common-mode input level for the ADS822
and ADS825. This obviates the need of a coupling capacitor
between the amplifier and the converter. Even though the
OPA680 has an AC gain of +2, the DC gain is only +1 due
to the blocking capacitor at resistor RG.
The addition of a small series resistor (RS) between the
output of the op amp and the input of the ADS822 and
ADS825 will be beneficial in almost all interface configura-
tions. This will decouple the op amp’s output from the
capacitive load and avoid gain peaking, which can result in
increased noise. For best spurious and distortion perfor-
mance, the resistor value should be kept below 100
Ω.
Furthermore, the series resistor in combination with the
10pF capacitor establishes a passive low-pass filter limiting
the bandwidth for the wideband noise, thus helping improve
the SNR performance.
AC-Coupled, Dual Supply Interface
The circuit provided in Figure 3 shows typical connections
for the analog input in case the selected amplifier operates
on dual supplies. This might be necessary to take full
advantage of very low distortion operational amplifiers, like
the OPA642. The advantage is that the driving amplifier can
be operated with a ground referenced bipolar signal swing.
This will keep the distortion performance at its lowest since
the signal range stays within the linear region of the op amp
and sufficient headroom to the supply rails can be main-
tained. By capacitively coupling the single-ended signal to
the input of the ADS822 and ADS825, its common-mode
requirements can easily be satisfied with two resistors con-
nected between the top and bottom reference.
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-overlapping Clock


Número de pieza similar - ADS825E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS825E TI1-ADS825E Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
ADS825E/1K TI1-ADS825E/1K Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
ADS825E/1KG4 TI1-ADS825E/1KG4 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
ADS825EG4 TI1-ADS825EG4 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
More results

Descripción similar - ADS825E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com