Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS828 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS828
Descripción Electrónicos  10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS828 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS828 Datasheet HTML 1Page - Burr-Brown (TI) ADS828 Datasheet HTML 2Page - Burr-Brown (TI) ADS828 Datasheet HTML 3Page - Burr-Brown (TI) ADS828 Datasheet HTML 4Page - Burr-Brown (TI) ADS828 Datasheet HTML 5Page - Burr-Brown (TI) ADS828 Datasheet HTML 6Page - Burr-Brown (TI) ADS828 Datasheet HTML 7Page - Burr-Brown (TI) ADS828 Datasheet HTML 8Page - Burr-Brown (TI) ADS828 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
ADS828
TYPICAL PERFORMANCE CURVES
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, and sampling rate = 75MHz, external reference, VDRV +3V, unless otherwise noted.
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
37.5
30
SPECTRAL PERFORMANCE
(Differential Input, 2Vp-p, Internal Reference)
Frequency (MHz)
f
IN = 10MHz
SFDR = 70dBFS
SNR = 58.4dBFS
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
37.5
30
SPECTRAL PERFORMANCE
(Differential Input, 2Vp-p, Internal Reference)
Frequency (MHz)
f
IN = 20MHz
SFDR = 70dBFS
SNR = 57.6dBFS
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
37.5
30
SPECTRAL PERFORMANCE
(Single-Ended, 2Vp-p, Internal Reference)
Frequency (MHz)
f
IN = 10MHz
SFDR = 64.6dBFS
SNR = 55.5dBFS
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
37.5
30
SPECTRAL PERFORMANCE
(Single-Ended Input, 2Vp-p, Internal Reference)
Frequency (MHz)
f
IN = 20MHz
SFDR = 62.3dBFS
SNR = 55.2dBFS
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
37.5
30
SPECTRAL PERFORMANCE
(Single-Ended, 1Vp-p, Internal Reference)
Frequency (MHz)
f
IN = 10MHz
SFDR = 61.9dBFS
SNR = 51.2dBFS
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
37.5
30
SPECTRAL PERFORMANCE
(Single-Ended, 1Vp-p, Internal Reference)
Frequency (MHz)
f
IN = 20MHz
SFDR = 61.6dBFS
SNR = 51dBFS


Número de pieza similar - ADS828

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS828 TI1-ADS828 Datasheet
609Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS8284 TI-ADS8284 Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8284IBRGCR TI-ADS8284IBRGCR Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8284IBRGCR TI1-ADS8284IBRGCR Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284IBRGCT TI-ADS8284IBRGCT Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
More results

Descripción similar - ADS828

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com