Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS826EG4 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS826EG4
Descripción Electrónicos  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS826EG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS826EG4 Datasheet HTML 3Page - Texas Instruments ADS826EG4 Datasheet HTML 4Page - Texas Instruments ADS826EG4 Datasheet HTML 5Page - Texas Instruments ADS826EG4 Datasheet HTML 6Page - Texas Instruments ADS826EG4 Datasheet HTML 7Page - Texas Instruments ADS826EG4 Datasheet HTML 8Page - Texas Instruments ADS826EG4 Datasheet HTML 9Page - Texas Instruments ADS826EG4 Datasheet HTML 10Page - Texas Instruments ADS826EG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADS823, ADS826
SBAS070B
7
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, external reference, unless otherwise noted.
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Frequency (MHz)
80
70
60
50
0.1
1
10
100
SFDR
SNR
80
75
70
65
60
55
DYNAMIC PERFORMANCE vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
SFDR (f
IN = 10MHz)
SFDR (f
IN = 20MHz)
SNR (f
IN = 20MHz)
SNR (f
IN = 10MHz)
65
60
55
50
SIGNAL-TO-(NOISE + DISTORTION)
vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
f
IN = 1MHz
f
IN = 10MHz
f
IN = 20MHz
.40
.30
.20
.10
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
f
IN = 20MHz
f
IN = 10MHz
f
IN = 1MHz
POWER DISSIPATION vs TEMPERATURE
Temperature (°C)
290
280
270
260
–50
0
25
–25
50
75
100
VDRV = +5V
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM (DC Input)
N – 2N – 1
N
N + 1
N + 2
Code


Número de pieza similar - ADS826EG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS826EG4 TI1-ADS826EG4 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS826EG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com