Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC2814 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC2814
Descripción Electrónicos  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2814 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DAC2814 Datasheet HTML 1Page - Burr-Brown (TI) DAC2814 Datasheet HTML 2Page - Burr-Brown (TI) DAC2814 Datasheet HTML 3Page - Burr-Brown (TI) DAC2814 Datasheet HTML 4Page - Burr-Brown (TI) DAC2814 Datasheet HTML 5Page - Burr-Brown (TI) DAC2814 Datasheet HTML 6Page - Burr-Brown (TI) DAC2814 Datasheet HTML 7Page - Burr-Brown (TI) DAC2814 Datasheet HTML 8Page - Burr-Brown (TI) DAC2814 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
®
DAC2814
POWER SUPPLY
+VS and –VS
±11.4
±15
±18
*
*
*
V
+VL
4.5
5
5.5
*
*
*
V
+IS
+10
+13.5
*
*
mA
–IS
–10
–13.5
*
*
mA
+IL
Digital Inputs = 0V or +VL
0.2
1
*
*
mA
+IL
Digital Inputs = VIL or VIH
5*
mA
Total Power, All DACs
300
410
*
*
mW
TEMPERATURE RANGE
Specified
–40
+85
*
*
°C
Operating
–40
+85
*
*
°C
Thermal Resistance
θ
JA
75
*
°C/W
SPECIFICATIONS (CONT), Guaranteed over T
A = –40°C to +85°C unless otherwise specified.
ELECTRICAL
Specifications as shown for VS = ±12V or ±15V, VL = +5V, and RL = 2kΩ unless otherwise noted.
DAC2814AP
DAC2814BP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
NOTES: (1) End point linearity. (2) Guaranteed monotonic. (3) Change in bipolar full scale output. Includes voltage output DAC, voltage reference, and reference
inverter. (4) Inverter output with inverter input connected to +VREF. (5) Guaranteed but not tested.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ABSOLUTE MAXIMUM RATINGS
+VL to AGND ................................................................................. 0V, +7V
+VL to DGND ................................................................................ 0V, +7V
+VS to AGND .............................................................................. 0V, +18V
–VS to AGND ............................................................................... 0V,–18V
AGND to DGND ................................................................................
±0.3V
Any digital input to DGND .............................................. –0.3V, +VL +0.3V
Ref In to AGND ..................................................................................
±25V
Ref In to DGND ..................................................................................
±25V
Storage Temperature Range .......................................... –55
°C to +125°C
Operating Temperature Range ......................................... –40
°C to +85°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Junction Temperature .................................................................... +155
°C
Output Short Circuit ................................... Continuous to common or
±V
S
Reference Short Circuit .............................. Continuous to common or +VS
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
DAC2814AP
24-Pin Plastic DIP
167
DAC2814BP
24-Pin Plastic DIP
167
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from
performance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits be
handled and stored using appropriate ESD protection
methods.


Número de pieza similar - DAC2814

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812DH MSK-DAC2812DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
DAC2812S MSK-DAC2812S Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2812SE MSK-DAC2812SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Descripción similar - DAC2814

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com